Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RTD Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # RTD
Description  Temperature Sensor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

RTD Datasheet(HTML) 2 Page - TE Connectivity Ltd

  RTD Datasheet HTML 1Page - TE Connectivity Ltd RTD Datasheet HTML 2Page - TE Connectivity Ltd RTD Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
STATOR RTD
Temperature Sensor
SENSOR SOLUTIONS /// STATOR RTD
10/2015
Page 2
Applications
Electric Motors
Generators
Performance Specifications
Dielectric Strength:
Class F: 3,000 volts RMS @ 60 Hz for 1 minute,
between leads and external body surface
Class H: 2,000 volts RMS @ 60 Hz for 1 minute,
between leads and external body surface
Temperature Limits:
Class F: 155°C (311°F)
Class H: 180°C (356°F)
RTD Leadwires:
Two Wire, Three Wire or Four Wire
Standard: Stranded Copper plated wire with PTFE insulation
Other leadwire coverings available
Dimensions



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com