Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1KA Datasheet(PDF) 2 Page - Laird Tech Smart Technology

Part # 1KA
Description  material safety data sheet
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

1KA Datasheet(HTML) 2 Page - Laird Tech Smart Technology

  1KA Datasheet HTML 1Page - Laird Tech Smart Technology 1KA Datasheet HTML 2Page - Laird Tech Smart Technology 1KA Datasheet HTML 3Page - Laird Tech Smart Technology 1KA Datasheet HTML 4Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MSDS #053
A13820-00 Rev. D, 2/10/07 EO #6918
Page 2 of 4
Section 5: Fire Fighting Measures
Flammable Properties
Flash Point: > 400º F by PMCC
Flammable Limits:
LFL: Not Available
UFL: Not Available
Extinguishing Media: Foam, CO2, dry, chemical, water spray.
Special Firefighting Procedures: Fire fighting personnel should wear positive pressure self-contained breathing
apparatus for protection form decomposition products such as carbon monoxide,
nitrogen oxides, phenols, and cyanides
Section 8: Exposure Controls/Personal Protection
Engineering Controls: Good room ventilation is expected to be satisfactory for storage and handling. Facilities
storing or utilizing this material should be equipped with an eyewash station and a safety
shower.
Personal Protective Equipment (PPE): Where prolonged contact is likely, wear chemical resistant gloves, long
sleeves, and safety glasses with side shields. A respirator is not required if
good ventilation is maintained.
General Hygiene Considerations: Wash hands thoroughly after handling and before eating or drinking
Exposure Guidelines: None available
Section 4: First Aid Measures
Ingestion:
Get medical attention. Do not induce vomiting unless large amounts are ingested or medical
attention is not immediately available.
Skin:
Wash with soap and water.
Inhalation:
No emergency care anticipated
Eyes:
Flush eye with water for 15 minutes. Seek if discomfort persists.
Section 6: Accidental Release Measures
If the material is released it should be swept up using a broom and dustpan.
Section 7: Handling and Storage
Keep in a cool, dry, ventilated area. Practice caution and personal cleanliness to avoid contact with eyes, skin, and
clothing. This product is essentially insoluble in water. It is resistant to rapid biodegradation and may be toxic to
aquatic life. Avoid discharge to natural waters.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com