Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DASCOUPXXDBNF Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # DASCOUPXXDBNF
Description  Directional Coupler, 698-2700 MHz, Low PIM
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

DASCOUPXXDBNF Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  DASCOUPXXDBNF Datasheet HTML 1Page - Pulse A Technitrol Company DASCOUPXXDBNF Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
For More Information
Pulse Worldwide Headquarters
12220 World Trade Drive
San Diego, CA 92128
U.S.A.
Tel: 1 858 674 8100
Fax: 1 858 674 8262
Larsen Brand Antennas
3611 NE 112th Avenue
Vancouver, WA 98682
USA
Tel: 1 360 944 7551
Fax: 1 369 944 7556
Europe Headquarters
Pulse GmbH & Do, KG
Zeppelinstrasse 15
Herrenberg, Germany
Tel: 49 7032 7806 0
Fax: 49 7032 7806 135
Pulse (Suzhou) Wireless Products Co, Inc.
99 Huo Ju Road, (#29 Bldg, 4th Phase)
Suzhou New District
Science & Tech Industrial Park
Jiangsu Province, Suzhou 215009 PR China
Tel: 86 512 6807 9998
Fax: 86 512 6809 8023
Performance warranty of products offered on this data
sheet is limited to the parameters specified. Data is
subject to change without notice. Other brand and
product names mentioned herein may be trademarks
or registered trademarks of their respective owners.
© Copyright, 2015. Pulse Electronics, Inc. All rights
reserved.
L178.A (07/15)
2
pulseelectronics.com/products/antennas
Directional Coupler,
698-2700 MHz, Low PIM
Pulse Part Number DASCOUPxxDBNF Series
Electrical Specifications
Frequency (MHz) 698-2700 MHz
Nominal Impedance Ω 50Ω
VSWR ≤1.20
Insert Loss at Band DASCOUP10DBNF
≤0.7dB @698-2700 MHz
Isolation at Band DASCOUP10DBNF
≥30dB @ 698-2700 MHz
Insert Loss at Band DASCOUP6DBNF
≤1.6dB @698-2700 MHz
Isolation at Band DASCOUP6DBNF
≥26dB @ 698-2700 MHz
Directivity ≥20 dB
PIM ≤ -155 dBc (@ 243*43dBm)
Average Power Max 200 Watts
Peak Power Max 1000 Watts
Coupling DASCOUP6DBNF
6 dB
Coupling DASCOUP10DBNF
10 dB
Coupling Tolerance ± 1.0 dB
Mechanical Specifications
Connecto
N Female
Color
Black
Inner Contact Plating
Silver
Outer Trimetal Plating
Trimetal
Environmental Specifications
Operating Temperature
-30+85 ° C
Relativy Humidity
Up to 100%



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com