Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DASCOUP6DBNF Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # DASCOUP6DBNF
Description  Directional Coupler, 698-2700 MHz, Low PIM
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

DASCOUP6DBNF Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  DASCOUP6DBNF Datasheet HTML 1Page - Pulse A Technitrol Company DASCOUP6DBNF Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
San Diego, California
Vancouver, Washington
Europe
China
1 858 674 8100
1 360 944 7551
49 7032 7806 0
86 512 6807 9998
L178.A (07/15)
1
pulseelectronics.com/products/antennas
Directional Couplers are used when part of a signal needs
to be separated off. Typical coupling ranges are from 3 dB
to 50 dB
Features
• IP 65
• Industry leading <-160 dBc PIM rating
• Covers Cellular bands and WiMAX from 698-2700 MHz
• RoHS Compliant
Applications
• May be used in place of power splitters when a known
value of coupling is needed
• In Building and Outdoor DAS Systems requiring best PIM
performance
Directional Coupler,
698-2700 MHz, Low PIM
Pulse Part Number DASCOUPxxDBNF Series
Confidential and Proprietary — Pulse Electronics — All Rights Reserved — 2015
This document contains confidential and proprietary information of Pulse Electronics, Inc. (Pulse) and is protected by copyright, trade secret and other state and federal
laws. Its receipt or possession does not convey any rights to reproduce, disclose its contents, or to manufacture, use or sell anything it may describe. Reproduction,
disclosure or use without specific written authorization of Pulse is strictly forbidden.


Similar Part No. - DASCOUP6DBNF

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
DASCOUP6DBNF PULSE-DASCOUP6DBNF Datasheet
166Kb / 2P
Directional Coupler 698-2700 MHz, Low PIM
More results

Similar Description - DASCOUP6DBNF

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
2450CP14A100 JOHANSON-2450CP14A100 Datasheet
194Kb / 2P
2450 MHz Directional Coupler
0848CP14A075 JOHANSON-0848CP14A075 Datasheet
91Kb / 2P
848 MHz Directional Coupler
1748CP15A075 JOHANSON-1748CP15A075 Datasheet
243Kb / 3P
1748 MHz Directional Coupler
logo
Pulse A Technitrol Comp...
DASCOUP10DBNF PULSE-DASCOUP10DBNF Datasheet
166Kb / 2P
Directional Coupler 698-2700 MHz, Low PIM
logo
WALSIN TECHNOLOGY CORPO...
RFDIP1608070G3T WALSIN-RFDIP1608070G3T Datasheet
624Kb / 7P
698~960 MHz /1710~2700 MHz Band RF Application
RFDIP1608070GM1T76 WALSIN-RFDIP1608070GM1T76 Datasheet
635Kb / 7P
698~960 MHz /1710~2700 MHz Band RF Application
logo
TE Connectivity Ltd
2367286-1 TEC-2367286-1 Datasheet
774Kb / 6P
698-960 & 1710-2700 MHz LTE WORLD BAND ANTENNA
2372105-1 TEC-2372105-1 Datasheet
526Kb / 5P
698-960 & 1710-2700 MHz LTE WORLD BAND ANTENNA
2372112-1 TEC-2372112-1 Datasheet
535Kb / 5P
698-960 & 1710-2700 MHz LTE WORLD BAND ANTENNA
2361492-1 TEC-2361492-1 Datasheet
760Kb / 6P
698-960 & 1710-2700 MHz LTE WORLD BAND ANTENNA
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com