Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP2 Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # SP2
Description  Compact String Pot ??Incremental
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

SP2 Datasheet(HTML) 1 Page - TE Connectivity Ltd

  SP2 Datasheet HTML 1Page - TE Connectivity Ltd SP2 Datasheet HTML 2Page - TE Connectivity Ltd SP2 Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SENSOR SOLUTIONS /// SP2
12//2015
Page 1
The SP2 String Pot from Celesco is a compact,
economical and water resistant device that
utilizes a flexible cable, a spring-loaded spool
and a potentiometer to detect and measure
linear position.
The SP2 is identical to the SP1 except for an
added 40-inch electrical cable with a watertight
rubber strain relief. The SP2 has been
compactly designed for tight spaces and high
cycle applications and generously allows for
measuring cable misalignment. With 4 different
ranges and a handy mounting bracket, the SP2
is a perfect solution for many applications from
light industrial to OEM.
Output Signal
SP2
Compact String Pot • Incremental
Encoder
Linear Position to 50 inches (1270 mm)
Low-
Cost, Long Life • Rugged Polycarbonate Enclosure
40-
in. Electrical Cable • Free-Release Tolerant
In Stock for Quick Delivery!
Specifications
Full Stroke Range Options
0-4.75, 0-12.5, 0-25, 0-50 inches
Output Signal
voltage divider (potentiometer)
Accuracy
±0.25 to ±1.00% (see part no. above)
Repeatability
± 0.05% full stroke
Resolution
essentially infinite
Measuring Cable
0.019-in. dia. nylon-coated stainless steel
Measuring Cable Tension
7 oz. (1,9 N) ±25%
Maximum Cable Acceleration 15 g
Enclosure Material
polycarbonate
Sensor
plastic-hybrid precision potentiometer
Weight
5 oz. (w/o mounting bracket) max.
Electrical
Input Resistance
10K ohms, ±10%
Power Rating, Watts
2.0 at 70°F derated to 0 at 250°
Recommended Maximum
Input Voltage
30 V (AC/DC)
Output Signal Change Over
Full Stroke Range
94% ±4% of input voltage
Electrical Connection
40-inch long, 24 gauge shielded electrical cable
Environmental
Enclosure
IP 50
Operating Temperature
0° to 160°F (-18° to 71°C)
Vibration
up to 10 g to 2000 Hz maximum


Similar Part No. - SP2

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
SP2 SYSTEMSENSOR-SP2 Datasheet
291Kb / 2P
Selectable Output Wall Speaker/Strobes
logo
rfsolutions.ltd
SP2 RFSOLUTIONS-SP2 Datasheet
706Kb / 2P
Low noise balanced input microphone preamplifier
logo
Grayhill, Inc
SP2 GRAYHILL-SP2 Datasheet
871Kb / 6P
Miniature Toggle Switches
logo
Radiometrix Ltd
SP2 RADIOMETRIX-SP2 Datasheet
309Kb / 12P
SpacePort Evaluation Kit
logo
Richco, Inc.
SP2-10-01 RICHCO-SP2-10-01 Datasheet
43Kb / 1P
SUPPORT POST, TPYE 2
More results

Similar Description - SP2

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3394S MPS-MP3394S Datasheet
425Kb / 17P
Step-Up, 4-String Max 200mA/String White LED Driver
logo
TE Connectivity Ltd
SP1 TEC-SP1 Datasheet
1Mb / 5P
Compact String Pot ??Voltage Divider
SPD TEC-SPD Datasheet
939Kb / 4P
Compact, High-Performance String Pot Dual Ouput to 50
logo
Fair-Rite Products Corp...
5678110821 FAIR-RITE-5678110821 Datasheet
515Kb / 1P
Pot Cores
5678362321 FAIR-RITE-5678362321 Datasheet
516Kb / 1P
Pot Cores
5695110821 FAIR-RITE-5695110821 Datasheet
514Kb / 1P
Pot Cores
5695140921 FAIR-RITE-5695140921 Datasheet
516Kb / 1P
Pot Cores
5695302021 FAIR-RITE-5695302021 Datasheet
516Kb / 1P
Pot Cores
5698110821 FAIR-RITE-5698110821 Datasheet
515Kb / 1P
Pot Cores
5698221421 FAIR-RITE-5698221421 Datasheet
516Kb / 1P
Pot Cores
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com