Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5191BMM Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC5191BMM
Description  Ultra High-Speed, High-Current Active Filter/LDO Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5191BMM Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC5191BMM Datasheet HTML 1Page - Micrel Semiconductor MIC5191BMM Datasheet HTML 2Page - Micrel Semiconductor MIC5191BMM Datasheet HTML 3Page - Micrel Semiconductor MIC5191BMM Datasheet HTML 4Page - Micrel Semiconductor MIC5191BMM Datasheet HTML 5Page - Micrel Semiconductor MIC5191BMM Datasheet HTML 6Page - Micrel Semiconductor MIC5191BMM Datasheet HTML 7Page - Micrel Semiconductor MIC5191BMM Datasheet HTML 8Page - Micrel Semiconductor MIC5191BMM Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
April 2004
3
M9999-042804
MIC5191
Micrel
Electrical Characteristics(6)
T
A = 25°C with VIN = 1.2V, VCC = 12V, VOUT = 1.0V; bold values indicate –40°C < TJ < +125°C; unless otherwise specified.
Parameter
Condition
Min
Typ
Max
Units
Output Voltage Accuracy
At 25
°C
–1
+1
%
Over temperature range
–2+2
%
Output Voltage Line Regulation
V
IN = 1.2V to 5.5V
–0.1
0.005
+0.1
%/V
Feedback Voltage
0.990
1.000
1.010
V
Output Voltage Load Regulation
I
L = 10mA to 1A
0.02
0.5
%
VCC Pin Current (V
CC1 + VCC2)
Enable = 0V
40
µA
VCC Pin Current (V
CCsig + VCCdrv)
Enable = 5V
15
20
mA
VIN Pin Current
Current from V
IN
10
15
µA
FB Bias Current
13
30
µA
Current Limit Threshold
35
50
70
mV
Start-up Time
V
EN = VIN
25
100
µs
Enable Input Threshold
Regulator enable
0.8
0.6
V
Regulator shutdown
0.5
0.2
V
Enable Hysteresis
100
mV
Enable Pin Input Current
V
IL < 0.2V (Regulator shutdown)
100
nA
V
IH > 0.8V (Regulator enabled)
100
nA
Notes:
1.
Exceeding the absolute maximum ratings may damage the device.
2.
Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5k in series with 100pF.
3.
The device is not guaranteed to function outside its operating ratings.
4.Per JESD 51-5 (1S2P Direct Attach Method).
5. Per JESD 51-3 (1S0P).
6. Specification for packaged product only.
Absolute Maximum Ratings(1)
Supply Voltage (V
IN) ................................................. + 6.0V
Enable Input Voltage (V
EN) ........................................ +14V
V
CC1, VCC2 ..............................................................
+14V
Junction Temperature (T
J) ................ –40°C ≤ TJ ≤ +125°C
ESD ......................................................................... Note 2
Operating Ratings(3)
Supply Voltage (V
IN) ................................. +1.0V to + 5.5V
Enable Input Voltage (V
EN) .................................. 0V to Vcc
V
CC1,VCC2 .............................................
+4.5V to +13.2V
Junction Temperature (T
J) ................ –40°C ≤ TJ ≤ +125°C
Package Thermal Resistance
MLF™
(θ
JA)
(4) .................................................................. 60
°C/W
MSOP
(θ
JA)
(5) ................................................................ 200
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com