Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5212 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC5212
Description  Dual 500mA LDO Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5212 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC5212 Datasheet HTML 1Page - Micrel Semiconductor MIC5212 Datasheet HTML 2Page - Micrel Semiconductor MIC5212 Datasheet HTML 3Page - Micrel Semiconductor MIC5212 Datasheet HTML 4Page - Micrel Semiconductor MIC5212 Datasheet HTML 5Page - Micrel Semiconductor MIC5212 Datasheet HTML 6Page - Micrel Semiconductor MIC5212 Datasheet HTML 7Page - Micrel Semiconductor MIC5212 Datasheet HTML 8Page - Micrel Semiconductor MIC5212 Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
MIC5212
Micrel
MIC5212
2
April 2003
Pin Description
Pin Number
Pin Name
Pin Function
1
OUTA
Regulator A Output
2
INA
Regulator A Input
3
INB
Regulator B Input
4
OUTB
Regulator B Output
5, 6, 7, 8
GND
Ground
Pin Configuration
1
OUTA
INA
INB
OUTB
8 GND
GND
GND
GND
7
6
5
2
3
4
SOIC-8 (M)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com