Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT4 Datasheet(PDF) 1 Page - Laird Tech Smart Technology

Part # HT4
Description  Thermal Cycling Durability
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

HT4 Datasheet(HTML) 1 Page - Laird Tech Smart Technology

  HT4 Datasheet HTML 1Page - Laird Tech Smart Technology HT4 Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
global solutions: local support
TM
Suffix ThickneSS
(prior To Tinning)
flaTneSS &
paralleliSM
hoT
face
cold
face
lead
length
11
0.163”± 0.005”
0.002” / 0.0035”
Lapped
Lapped
6.0
Ta
0.163”± 0.001”
0.001” / 0.001”
Lapped
Lapped
6.0”
TB
0.163”± 0.0005”
0.0005” / 0.0005” Lapped
Lapped
6.0”
Suffix SealanT color TeMp range deScripTion
r
RTV
White
-60 to 204 °C
Non-corrosive, silicone adhesive sealant
e
Epoxy
Black
-55 to 150 °C
Low density syntactic foam epoxy encapsulant
Innovative Technology
for a Connected World
ThermaTECSeries HT4,12,F2,4040
Thermoelectric Modules
Americas: +1 888.246.9050
Europe: +46.31.420530
Asia: +86.755.2714.1166
clv.customerpos@lairdtech.com
www.lairdtech.com
FEaTurES
• Thermal Cycling Durability
• Power Cycling Reliability
• Precise Temperature Control
• Strong Lead Attachment
• RoHS Compliant
• Continuous Operation
at High Temperatures
appliCaTionS
• Analytical Instrumentation
• PCR Cyclers
• Thermal Test Sockets
• Electronic Enclosure Cooling
• Chillers (Liquid Cooling)
• Power Generation
The ThermaTECSeries of thermoelectric modules (TEMs) are designed to operate under
cycling conditions or high temperature applications.
This product line is available in multiple configurations and is ideal for applications
that require both heating and cooling mode (reverse polarity) or power generation.
Assembled with proprietary solder construction, Bismuth Telluride semiconductor material
and thermally conductive Aluminum Oxide ceramics, the ThermaTECSeries is designed
for higher current and larger heat-pumping applications.
perforMance SpecificaTionS
hot Side Temperature (°c)
25°C
50°C
Qmax (Watts)
33.0
36.0
delta Tmax (°c)
64
75
imax (amps)
3.8
3.8
Vmax (Volts)
14.5
16.4
Module resistance (ohms)
3.49
3.93
SEaling opTion


Similar Part No. - HT4

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
HT400 GILWAY-HT400 Datasheet
108Kb / 2P
Commercial Grade Lampholders
logo
Hotchip Technology Co.,...
HT4054 HOTCHIP-HT4054 Datasheet
869Kb / 7P
Constant flow / constant voltage mode operatio
logo
Holtek Semiconductor In...
HT42B532-1 HOLTEK-HT42B532-1 Datasheet
1Mb / 17P
USB to I 2C Bridge IC
January 05, 2017
HT42B532-X HOLTEK-HT42B532-X Datasheet
1Mb / 17P
USB to I 2C Bridge IC
December 27, 2017
HT42B532-x HOLTEK-HT42B532-x Datasheet
1Mb / 18P
USB to SPI Bridge IC
January 05, 2017
More results

Similar Description - HT4

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
TR0636E-10026 HIROSE-TR0636E-10026 Datasheet
1Mb / 21P
IT3 Thermal Cycling Test Report
logo
NXP Semiconductors
BT152-800R NXP-BT152-800R_11 Datasheet
527Kb / 12P
High thermal cycling performance Very high current surge capability
Rev. 2-9 June 2011
logo
Dynex Semiconductor
DIM1500ASM33-TL001 DYNEX-DIM1500ASM33-TL001 Datasheet
381Kb / 8P
High Thermal Cycling Capability
logo
Infineon Technologies A...
FF600R12ME4A_B11 INFINEON-FF600R12ME4A_B11_15 Datasheet
649Kb / 9P
High Power and Thermal Cycling Capability
2015-09-09 revision:3.0
logo
SEMTECH ELECTRONICS LTD...
BT134T SEMTECH_ELEC-BT134T Datasheet
152Kb / 2P
For high thermal cycling performance
logo
Laird Tech Smart Techno...
TPUTTY-508 LSTD-TPUTTY-508 Datasheet
308Kb / 1P
Demonstrated thermal cycling stability
HT8 LSTD-HT8 Datasheet
583Kb / 2P
Power Cycling Reliability
logo
STMicroelectronics
T1610H STMICROELECTRONICS-T1610H Datasheet
273Kb / 9P
High thermal cycling performance
May 2013 Rev 1
logo
A-Data Technology
UV131 A-DATA-UV131 Datasheet
411Kb / 2P
Zinc-alloy durability
logo
WeEn Semiconductors
BT155W-1400T WEEN-BT155W-1400T Datasheet
538Kb / 13P
SCR High thermal cycling performance
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com