Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DH2 Datasheet(PDF) 1 Page - Laird Tech Smart Technology

Part # DH2
Description  Reliable Solid State Operation
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

DH2 Datasheet(HTML) 1 Page - Laird Tech Smart Technology

  DH2 Datasheet HTML 1Page - Laird Tech Smart Technology DH2 Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
global solutions: local support
TM
Innovative Technology
for a Connected World
MRC150,DH2,DV
Re-circulating Chiller
The MRC Series is a bench top re-circulating chiller that offers dependable, compact
performance by controlling the temperature of a coolant in a liquid circuit. The coolant
is re-circulated using a pump with high MTBF. Heat from coolant is absorbed by a heat
exchanger and dissipated thru high density heat sinks equipped with brand name fans.
The thermoelectric modules are custom designed to achieve long life operation. The unit
is regulated with an easy to use digital temperature controller and is housed inside an
aesthetic sheet metal casing. Custom configurations are available, however, MOQ applies.
FEATURES
• Compact Design
• Precise Temperature Control
• Reliable Solid State Operation
• Low Noise
• RoHS Compliant
Americas: +1.800.843.4556
Europe: +49.8031.2460.0
Asia: +86.755.2714.1166
CLV-customerservice@lairdtech.com
www.lairdtech.com/thermal
APPLICATIONS
• Medical Imaging Systems
• Medical Lasers
• Photonics Laser Systems
• Industrial Instrumentation
• Laboratory Testing
Specifications
Cooling capacity1
149 Watts
Input voltage
115 to 230 VAC
Operating environment temperature
range2
4.4°C to 45°C (40°F to 113°F)
Control temperature range using
distilled H2O as coolant, °C (°F) 3
2°C to 40°C (35°F to 104°F)
Control temperature range using 70%
distilled H2O and 30% glycol as coolant 2
-12°C to 40°C (10.4°F to 104°F)
Controller accuracy
±0.16°C
Current, 115VAC (230VAC)
4.7 (2.4) Amps
Input power
294 Watts
Frequency
50/60 Hz
Dimensions, (h x w x d)
30.4 x 19.5 x 35.1 cm (12.0 x 7.7 x 13.8) in
Weight
10.9 kgs (24 lbs)
Maximum flow rate
2.9 lpm (0.76 gpm)
Fluid capacity
250 mL (8.4 oz)
UL Rating
UL61010-1/IEC61010-1
1
Capacity rating is given at a temperature of 25°C (77°F) for the ambient air and exiting fluid.
2
For ambient conditions outside this range, please contact Laird Technologies.
3
For temperature settings below 5°C, an appropriate coolant must be used.


Similar Part No. - DH2

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
DH2 LSTD-DH2 Datasheet
1Mb / 2P
RoHS Compliant
logo
Zhejiang DongYa Electro...
DH20 DONGYA-DH20 Datasheet
1Mb / 2P
High Voltage DC Contactor
logo
IXYS Corporation
DH20-18A IXYS-DH20-18A Datasheet
32Kb / 1P
Fast Recovery Diode SONIC-FRD series
logo
Zhejiang DongYa Electro...
DH200 DONGYA-DH200 Datasheet
1Mb / 2P
High Voltage DC Contactor
DH200AAAMA DONGYA-DH200AAAMA Datasheet
1Mb / 2P
High Voltage DC Contactor
More results

Similar Description - DH2

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
MS2 LSTD-MS2 Datasheet
549Kb / 2P
Reliable solid state operation
OT08 LSTD-OT08 Datasheet
802Kb / 2P
Reliable solid state operation
SH14 LSTD-SH14 Datasheet
516Kb / 2P
Reliable solid state operation
AA-040-12-22 LSTD-AA-040-12-22 Datasheet
934Kb / 2P
Reliable solid-state operation
AA-200-24-22 LSTD-AA-200-24-22 Datasheet
959Kb / 2P
Reliable solid-state operation
DL-120-24-00-00-00 LSTD-DL-120-24-00-00-00 Datasheet
232Kb / 4P
Reliable solid-state operation
OT20 LSTD-OT20 Datasheet
604Kb / 2P
Reliable solid state operation
PT6 LSTD-PT6 Datasheet
609Kb / 2P
Reliable Solid State Operation
UT11 LSTD-UT11 Datasheet
628Kb / 2P
Reliable solid state operation
ZT7 LSTD-ZT7 Datasheet
540Kb / 2P
Reliable solid state operation
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com