Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S9028PCR Datasheet(PDF) 1 Page - Laird Tech Smart Technology

Part # S9028PCR
Description  Weather and UV resistant radome
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

S9028PCR Datasheet(HTML) 1 Page - Laird Tech Smart Technology

  S9028PCR Datasheet HTML 1Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Circular Polarity RFID Panel Antenna
S9028PCL S9028PCR
FEATURES
•
Low profile
•
Extremely low VSWR and axial ratio
•
Weather and UV resistant radome
•
Wide range of connector and cable options
•
Left hand and right hand CP versions
APPLICATIONS
•
Warehouse
•
Distribution center
•
Airports and hospitals
•
Transit terminals
•
Conveyer belt
902-928 MHz 9 dBic CIRCULAR POLARITY PANEL
The Laird S9028PCL antenna is a circularly polarized panel antenna that provides reception and
transmission of signals in the 902-928 MHz frequency band. Laird's industry-renowned design
methodology achieves maximum efficiency and performance across the entire frequency band.
Both VSWR and axial ratios are excellent and allow the user to achieve the maximum performance for
an antenna of this type. The antenna is housed in a heavy duty radome enclosure that can be directly
wall mounted, An optional articulating mount allows either wall or mast mounting.
The antenna is offered with an integrated coax pigtail and a variety of connector types are
available.
Americas: +1.847 839.6907
IAS-AmericasEastSales@lairdtech.com
Europe: +44.1628.858941
IAS-EUSales@lairdtech.com
Asia: +86.21.5855.0827.127
IAS-AsiaSales@lairdtech.com
www.lairdtech.com
SPECIFICATIONS
Antenna Part Number
S9028PLC / S9028PCR
Frequency Range
902 - 928 MHz
Gain
9 dBic
Maxium VSWR
1.3:1
3 dB Beamwidth - Azimuth
70°
Front to Back Ratio
20 dB
Polarization
Circular Right or Left
Maxium Input Power
10 Watts
Input Impedence
50 Ohms
Axial Ratio
1dB Typical
Weight (Kg)
2.3 lbs (1.04)
Mechanical Size
10.2” x 10.2” x 1.32”
Antenna Connection
Coax Pigtail, Rev TNC Male (others available)
Radome
High Strength PC
Mount Style
Threaded Stud
Temperature Operational
-25°C to +70°C
Lightning Protection
DC Grounded
Environmental Rating
IP 54
ANT-DS-S9028PCL S9028PCR 0515
Any information furnished by Laird Inc. and its agents is believed to be accurate and reliable. All specifications are subject to change without notice. Responsibility for the use and
application of Laird materials rests with the end user, since Laird and its agents cannot be aware of all potential uses. Laird makes no warranties as to the fitness, merchantability
or suitability of any Laird materials or products for any specific or general uses. Laird shall not be liable for incidental or consequential damages of any kind. All Laird products are
sold pursuant to the Laird Terms and Conditions of sale in effect from time to time, a copy of which will be furnished upon request. © Copyright 2015 Laird Inc. All Rights
Reserved. Laird, Laird Technologies, the Laird Logo, and other marks are trademarks or registered trademarks of Laird Inc. or an affiliate company thereof. Other product or service
names may be the property of third parties. Nothing herein provides a license under any Laird or any third party intellectual property rights.
915 MHz


Similar Part No. - S9028PCR

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
S9028PCL12NF TEC-S9028PCL12NF Datasheet
7Mb / 2P
Single Patch Antenna
12/21 Original
logo
Laird Tech Smart Techno...
S9028PCLF LSTD-S9028PCLF Datasheet
684Kb / 2P
Extremely low VSWR and axial ratio
More results

Similar Description - S9028PCR

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
PAS69278 LSTD-PAS69278 Datasheet
511Kb / 2P
Weatherproof UV stable radome
S8658WPR LSTD-S8658WPR Datasheet
637Kb / 1P
Weather and UV resistant radome
S9025P LSTD-S9025P Datasheet
737Kb / 2P
Weather and UV resistant radome
S5151290P12SMF LSTD-S5151290P12SMF Datasheet
526Kb / 1P
UV stable weatherproof radome
S2408MD12NF LSTD-S2408MD12NF Datasheet
774Kb / 1P
UV stabile thermoplastic radome
OC80271 LSTD-OC80271 Datasheet
1Mb / 2P
Weatherproof UV stable radome
PAL86518H-FNF LSTD-PAL86518H-FNF Datasheet
2Mb / 1P
Weather and UV resistant radome
OC58509 LSTD-OC58509 Datasheet
1Mb / 2P
UV Stable polycarbonate radome
S3307BPNF LSTD-S3307BPNF Datasheet
732Kb / 1P
Weather proof UV stabile radome
S8656XR LSTD-S8656XR Datasheet
240Kb / 2P
Weather resistant radome
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com