Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S9028PCLF Datasheet(PDF) 2 Page - Laird Tech Smart Technology

Part # S9028PCLF
Description  Extremely low VSWR and axial ratio
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

S9028PCLF Datasheet(HTML) 2 Page - Laird Tech Smart Technology

  S9028PCLF Datasheet HTML 1Page - Laird Tech Smart Technology S9028PCLF Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ANT-DS-S9028PCLF S9028PCRF 0115
Any information furnished by Laird Inc. and its agents is believed to be accurate and reliable. All specifications are subject to change without notice. Responsibility for the use and
application of Laird materials rests with the end user, since Laird and its agents cannot be aware of all potential uses. Laird makes no warranties as to the fitness, merchantability
or suitability of any Laird materials or products for any specific or general uses. Laird shall not be liable for incidental or consequential damages of any kind. All Laird products are
sold pursuant to the Laird Terms and Conditions of sale in effect from time to time, a copy of which will be furnished upon request. © Copyright 2015 Laird Inc. All Rights
Reserved. Laird, Laird Technologies, the Laird Logo, and other marks are trade marks or registered trade marks of Laird Inc. or an affiliate company thereof. Other product or
service names may be the property of third parties. Nothing herein provides a license under any Laird or any third party intellectual property rights.
SPECIFICATIONS
Antenna Part Number
S9028PCLF / S9028PCRF
Frequency Range
902 - 928 MHz
Gain
9 dBic
Maxium VSWR
1.3:1
3 dB Beamwidth - Azimuth
70°
Front to Back Ratio
20 dB
Polarization
Circular Right or Left
Maxium Input Power
10 Watts
Input Impedence
50 Ohms
Axial Ratio
1dB Typical
Weight (Kg)
2.3 lbs (1.04)
Mechanical Size
10.2” x 10.2” x 1.32”
Antenna Connection
Coax Pigtail, Rev TNC Male (others available)
Radome
High Strength PC
Mount Style
Flush mount to wall
Temperature Operational
-25°C to +70°C
Lightning Protection
DC Grounded
Environmental Rating
IP 54
915 MHz
Circular Polarity RFID Panel Antenna
S9028PCLF S9028PCRF
Americas: +1.847 839.6907
IAS-AmericasEastSales@lairdtech.com
Europe: +44.1628.858941
IAS-EUSales@lairdtech.com
Asia: +86.21.5855.0827.127
IAS-AsiaSales@lairdtech.com
www.lairdtech.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com