Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5249 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC5249
Description  300MA UCAP LDO WITH PROGRAMMABLE POWER ON RESET DELAY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5249 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC5249 Datasheet HTML 1Page - Micrel Semiconductor MIC5249 Datasheet HTML 2Page - Micrel Semiconductor MIC5249 Datasheet HTML 3Page - Micrel Semiconductor MIC5249 Datasheet HTML 4Page - Micrel Semiconductor MIC5249 Datasheet HTML 5Page - Micrel Semiconductor MIC5249 Datasheet HTML 6Page - Micrel Semiconductor MIC5249 Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MIC5249
Micrel
M0382-033004
2
March 2004
Pin Description
Pin Number
Pin Name
Pin Function
1
CBYP
Reference Bypass: Connect external 0.01F capacitor to GND to reduce
output noise. May be left open.
2
DELAY
Delay Set Input: Connect external capacitor to GND to set the delay of the
Error Flag.
3
GND
Ground.
4
VIN
Supply Input.
5
VOUT
Regulator Output.
6
NC
No Connect.
7
RESET
RESET Output: Open-drain output. Active low indicates an output
undervoltage condition.
8
ENABLE
Enable Input: CMOS compatible input. Logic high = enable; Logic low =
shutdown. Do not leave open.
Pin Configuration
1
CBYP
DELAY
GND
VIN
8
ENABLE
RESET
NC
VOUT
7
6
5
2
3
4
8-pin MSOP (MM)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com