Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMC/P3EFME Datasheet(PDF) 3 Page - Pulse A Technitrol Company

Part # MMC/P3EFME
Description  700/800/900/1850 mhz coils/whips
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

MMC/P3EFME Datasheet(HTML) 3 Page - Pulse A Technitrol Company

  MMC/P3EFME Datasheet HTML 1Page - Pulse A Technitrol Company MMC/P3EFME Datasheet HTML 2Page - Pulse A Technitrol Company MMC/P3EFME Datasheet HTML 3Page - Pulse A Technitrol Company MMC/P3EFME Datasheet HTML 4Page - Pulse A Technitrol Company MMC/P3EFME Datasheet HTML 5Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
24
www.pulseelectronics.com/products/antennas
700/800/900/1850 MHz
NOTE: Antennas are not to scale
The most commonly used cable assembly/mount is the NMOKHFUD (27 MHz to 6 GHz) with 17’ of UD (RG-58/U Dual Shield).
700/800/900/1850 mhz nmo mounT low pRoFile
size
power
Frequency
Gain
h x diA
Rating
cable
model
(mhz)
(dBd/dBi)
(in)
(watts)
color
Assembly
LP800NMO
806-960
0/2
1.5 x 4.5
100
Black
Order Separately
LP800NMOW
806-960
0/2
1.5 x 4.5
100
White
Order Separately
LPT700/800NMO
740-866
0/2
3.25 x 1.5
100
Black
Order Separately
LPT800/900NMO
806-960
0/2
3.25 x 1.5
100
Black
Order Separately
LPT825/19NMOHF
Cellular: 806-960
.8/3
3 x 1.75
10
Black
Order Separately
PCS: 1710-2170
.8/3
Requires nmohF mount
ISM: 2400
1.9/4
SLPT698/960NMO
698-960
2.35/4.5
3 x 1.5
10
Black
Order Separately
SLPT698/2170NMOHF
Cellular: 698-960
2.35/4.5
3 x 1.75
10
Black
Order Separately
PCS: 1710-2170
3.45/5.6
Requires nmohF mount
ISM: 2400-2700
1.85/4
700/800/900/1850 mhz diRecT mounTs
power
Frequency
Gain
size
Rating
cable
model
Type
(mhz)
(dBd/dBi)
(in)
(watts)
color
Assembly
connector
LP800
Low Profile
806-960
0/2
1.25H x 5.25D
100
Black
17’ RG-58/U
No Conn
OM800UD
5/8 over 1/2
λ
806-866
1/3.2
15.5 H
60
Black
14’ RG-58/U
No Conn
OM800UDMPL
5/8 over 1/2
λ
806-866
1/3.2
15.5 H
60
Black
14’ RG-58/U
MPL
OM800UDTNC
5/8 over 1/2
λ
806-866
1/3.2
15.5 H
60
Black
14’ RG-58/U
TNC
OM825UD
5/8 over 1/2
λ
824-896
1/3.2
15.5 H
60
Black
14’ RG-58/U
No Conn
OM825UDMPL
5/8 over 1/2
λ
824-896
1/3.2
15.5 H
60
Black
14’ RG-58/U
MPL
OM825UDTNC
5/8 over 1/2
λ
824-896
1/3.2
15.5 H
60
Black
14’ RG-58/U
TNC
OM900UD
5/8 over 1/2
λ
890-960
1/3.2
15.5 H
60
Black
14’ RG-58/U
No Conn
SLPT698/869DMN
Low Profile
698-869
2.35/4.5
3 x 1.5
10
Black
Order Separately
N Female
SLPT806DMN
Low Profile
806-960
2.35/4.5
3 x 1.5
10
Black
Order Separately
N Female
SLPT698/2170DMN
Low Profile
Cellular: 698-960
2.35/4.5
3 x 1.75
10
Black
Order Separately
N Female
PCS: 1710-2170
3.45/5.6
ISM: 2400-2700
1.85/4
LP Direct
Mount
LP
LPT
OM
SLPT
NMO
SLPT DM



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com