Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SB900SMA3 Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # SB900SMA3
Description  700/800/900/1850 mhz coils/whips
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

SB900SMA3 Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  SB900SMA3 Datasheet HTML 1Page - Pulse A Technitrol Company SB900SMA3 Datasheet HTML 2Page - Pulse A Technitrol Company SB900SMA3 Datasheet HTML 3Page - Pulse A Technitrol Company SB900SMA3 Datasheet HTML 4Page - Pulse A Technitrol Company SB900SMA3 Datasheet HTML 5Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
1 800 ANTENNA (268-3662)
23
700/800/900/1850 MHz
NOTE: Antennas are not to scale
The most commonly used cable assembly/mount is the NMOKHFUD (27 MHz to 6 GHz) with 17’ of UD (RG-58/U Dual Shield).
700/800/900/1850 mhz GlAss mounT
Optimum glass thickness 0.138” through 0.158”
max
power
Frequency
Gain
height
Rating
whip
cable
model
Type
(mhz)
(dBd/dBi)
(in)
(watts)
color
Assembly
connector
KG3E825UD
5/8 over 1/2
λ
806-896
3/5.14
13
60
Black
14’ RG-58/U
No Conn
KG3E825UDFME
5/8 over 1/2
λ
806-896
3/5.14
13
60
Black
14’ RG-58/U
FME
KG3E825UDMPL
5/8 over 1/2
λ
806-896
3/5.14
13
60
Black
14’ RG-58/U
MPL
KG3E825UDTNC
5/8 over 1/2
λ
806-896
3/5.14
13
60
Black
14’ RG-58/U
TNC
KG3E900UD
5/8 over 1/2
λ
890-960
3/5.14
13
60
Black
14’ RG-58/U
No Conn
KG3E900UDFME
5/8 over 1/2
λ
890-960
3/5.14
13
60
Black
14’ RG-58/U
FME
KG3E900UDMPL
5/8 over 1/2
λ
890-960
3/5.14
13
60
Black
14’ RG-58/U
MPL
KG3E825O/S
5/8 over 1/2
λ
806-896
3/5.14
13
60
Black
Outisde Coupler Only
KG3E900O/S
5/8 over 1/2
λ
890-960
3/5.14
13
60
Black
Outisde Coupler Only
KGI825
1/4
λ Dipole
806-896
0/2
60
Black
14’ RG-58/U
No Conn
KGC/P3EUD
Cellular: Collinear
824-896
3/5.14
13
7
Black
15’ RB-58/U
No Conn
PCS: 5/8 over 5/8 over 1/2
λ
1850-1990
3/5.14
KGC/P3EUDFME
Cellular: Collinear
824-896
3/5.14
13
7
Black
15’ RB-58/U
FME
PCS: 5/8 over 5/8 over 1/2
λ
1850-1990
3/5.14
700/800/900/1850 mhz coils/whips (conTinued)
max
power
Frequency
Gain
height
Rating
whip
cable
model
Type
(mhz)
(dBd/dBi)
(in)
(watts)
color
Assembly
conn
NMOC/P3E
5/8 over 1/4
λ
824-960
1.9/4
4.7
10
Black
Order Separately
1850-1990
NMOC/P3EUD
5/8 over 1/4
λ
824-960
1.9/4
4.7
10
Black
17’ RG-58/U
No Conn
1850-1990
NMOC/P3EUDFME
5/8 over 1/4
λ
824-960
1.9/4
4.7
10
Black
17’ RG-58/U
FME
1850-1990
NMOC/P3EUDMPL
5/8 over 1/4
λ
824-960
1.9/4
4.7
10
Black
17’ RG-58/U
MPL
1850-1990
NMOC/P3EUDSMA
5/8 over 1/4
λ
824-960
1.9/4
4.7
10
Black
17’ RG-58/U
SMA
1850-1990
NMOC/P3EUDTNC
5/8 over 1/4
λ
824-960
1.9/4
4.7
10
Black
17’ RG-58/U
TNC
1850-1990
NMOC/P3E
KGI
KGC/P3E
KG3E



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com