Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM9810CCWM Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9810CCWM
Description  LM9810/20 10/12-Bit Image Sensor Processor Analog Front End
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9810CCWM Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM9810CCWM Datasheet HTML 2Page - National Semiconductor (TI) LM9810CCWM Datasheet HTML 3Page - National Semiconductor (TI) LM9810CCWM Datasheet HTML 4Page - National Semiconductor (TI) LM9810CCWM Datasheet HTML 5Page - National Semiconductor (TI) LM9810CCWM Datasheet HTML 6Page - National Semiconductor (TI) LM9810CCWM Datasheet HTML 7Page - National Semiconductor (TI) LM9810CCWM Datasheet HTML 8Page - National Semiconductor (TI) LM9810CCWM Datasheet HTML 9Page - National Semiconductor (TI) LM9810CCWM Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
6
http://www.national.com
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is functional,
but do not guarantee specific performance limits. For guaranteed specifications and test conditions, see the Electrical Characteristics. The guaranteed specifications apply
only for the test conditions listed. Some performance characteristics may degrade when the device is not operated under the listed test conditions.
Note 2: All voltages are measured with respect to GND=
AGND=DGND=0V, unless otherwise specified.
Note 3: When the input voltage (VIN) at any pin exceeds the power supplies (VIN<GND or VIN>VA or VD), the current at that pin should be limited to 25mA. The 50mA
maximum package input current rating limits the number of pins that can simultaneously safely exceed the power supplies with an input current of 25mA to two.
Note 4: The maximum power dissipation must be derated at elevated temperatures and is dictated by TJmax, ΘJA and the ambient temperature, TA. The maximum allow-
able power dissipation at any temperature is PD = (TJmax - TA) / ΘJA. TJmax = 150°C for this device. The typical thermal resistance (ΘJA) of this part when board mounted
is 84°C/W for the M20B SOIC package
.
Note 5: Human body model, 100pF capacitor discharged through a 1.5k
Ω resistor.
Note 6: See AN450 “Surface Mounting Methods and Their Effect on Product Reliability” or the section titled “Surface Mount” found in any National Semiconductor Linear
Data Book for other methods of soldering surface mount devices.
AC Electrical Characteristics
The following specifications apply for AGND=DGND=0V, VA=VD=+5.0VDC, fMCLK=24MHz, tMCLK=1/fMCLK, tr=tf=5ns, Rs=25Ω. Boldface
limits apply for T
A=TJ=TMIN to TMAX; all other limits TA=TJ=25°C. (Notes 7 & 8)
Symbol
Parameter
Conditions
Typical
(Note 9)
Limits
(Note 10)
Units
(Limits)
f
MCLK
Maximum MCLK Frequency
24
MHz (min)
MCLK
Duty Cycle
40
60
% (min)
% (max)
tMCLK
MCLK
period
41
ns (min)
tSCNL
SampCLK
falling edge before NewLine
falling edge
3
tMCLK(min)
tSampCLK
SampCLK
period
4
tMCLK(min)
tSampLo
Low time for SampCLK
50
ns (min)
tSampHi
High time for SampCLK
50
ns (min)
tSampSU
SampCLK
falling edge before rising
edge of MCLK
4
ns (min)
tDDO
falling edge of MCLK before new valid
data
40
ns (max)
tHDO
hold time of current data from falling
edge of MCLK
15
ns (min)
tSCLK
D2
(SCLK) Serial Clock Period
1
tMCLK(min)
tDSU
Input data setup time before
D2
(SCLK) rising edge
0
ns (min)
tDH
Input data hold time after D2(SCLK)
rising edge
3
ns (min)
tSCLKLA
D2
(SCLK) rising edge after bit B0
before D1(Latch) rising edge
3
ns (min)
tLASCLK
D1
(Latch) rising edge before next
D2
(SCLK) rising edge
3
ns (min)
tLA
High time for D1(Latch)
3
tMCLK (min)
tLANL
D1
(Latch) rising edge before NewLine
falling edge
3
tSampCLK
(min)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com