Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM9811 Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9811
Description  10-Bit Greyscale/30-Bit Color Linear CCD Sensor Processor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9811 Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button LM9811 Datasheet HTML 17Page - National Semiconductor (TI) LM9811 Datasheet HTML 18Page - National Semiconductor (TI) LM9811 Datasheet HTML 19Page - National Semiconductor (TI) LM9811 Datasheet HTML 20Page - National Semiconductor (TI) LM9811 Datasheet HTML 21Page - National Semiconductor (TI) LM9811 Datasheet HTML 22Page - National Semiconductor (TI) LM9811 Datasheet HTML 23Page - National Semiconductor (TI) LM9811 Datasheet HTML 24Page - National Semiconductor (TI) LM9811 Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
Block Diagram of LM9811-Based System
Applications Information
1.0 THEORY OF OPERATION
The LM9811 removes errors from and digitizes a linear CCD
pixel stream, while providing all the necessary clock signals
to drive the CCD. Offset and gain errors for individual pixels
are removed at the pixel rate. Offset errors are removed
through correlated double sampling (CDS). Gain errors
(which may come from any combination of PRNU, uneven il-
lumination, cos
4 effect, RGB filter mismatch, etc.) are re-
moved through the use of a 8-bit programmable gain ampli-
fier (PGA) in front of the ADC.
1.1 The Analog Signal Path
(See Block Diagram)
The analog output signal from the CCD is connected to the
OS Input of the LM9811 through a 0.01 µF (typical, see Sec-
tion 4.2,
Clamp Capacitor Selection ) DC blocking capacitor.
During the CCD’s optical black pixel segment at the begin-
ning of every line, this input is clamped to the REF OUT
MID
voltage (approximately 2.45V). This DC restore operation
fixes the reference level of the CCD pixel stream at REF
OUT
MID.
The signal is then buffered and fed to a digitally-programmed
4-bit VGA (variable gain amplifier). The gain of the VGA is
digitally programmable in 16 steps from 1V/V to 3V/V. The
VGA is used to compensate for peak white CCD outputs less
than the 1.225V full-scale required by the LM9811 for maxi-
mum dynamic range. When used with parallel output CCDs,
the VGA can fine-tune the amplitude of the red, green, and
blue signals. For a detailed explanation of the VGA, see Sec-
tion 4.3.
The output of the VGA goes into the CDS (Correlated Double
Sampling) stage, consisting of two sample/hold amplifiers:
S/H Ref (Reference) and S/H Signal. The reference level of
the signal is sampled and held by the S/H Ref circuit and the
active pixel data is sampled and held by the S/H Signal cir-
cuit. The output of S/H Ref is subtracted from the S/H Signal
output and amplified by 2. The full-scale signal range at this
point is approximately 2.45Vp-p. CDS reduces or eliminates
many sources of noise, including reset noise, flicker noise,
and both high and low frequency pixel-to-pixel offset varia-
tion. For more information on the CDS stage, see Section
4.4.
At this point an offset voltage can be injected by the 5-bit (4
bits + sign) Offset DAC. This voltage is designed to compen-
sate for any small fixed DC offset introduced by the CDS
S/Hs and the x2 amplifier. The LSB size of the DAC is ap-
proximately 1.7 ADC LSBs (4 mV). The adjustment range is
±25 ADC LSBs. For a detailed explanation of the Offset
DAC, see Section 4.6.
The next stage is the PGA. This is a programmable gain am-
plifier that changes the gain
at the pixel rate to correct for
gain errors due to PRNU, uneven illumination (such as cos
4
effect), RGB filter mismatch, etc. The gain adjustment range
is 0 dB to 9 dB (1V/V to 3V/V) with 8 bits of resolution. The
gain data (correction coefficients) is provided on the
CD0–CD7 bus. The gain may also be fixed at any value be-
tween 0 dB and 9 dB with the PGA Gain Coefficient con-
figuration register. For additional information on the PGA,
see Section 4.7.
An approximately 8 LSB (19 mV) offset can be added at the
output of the PGA stage if necessary to ensure that the offset
is greater than zero. This eliminates the possibility of a nega-
tive offset clipping the darkest output pixels. For more infor-
mation on the Offset Add Bit, see Section 4.8.
Finally, the output of the PGA is digitized by the ADC and
made available on the DD0–DD9 bus (Section 4.9).
Three reference voltages are used throughout the signal
path: the externally supplied REF IN (1.225V), and the inter-
nally generated REF OUT
MID
(2.45V) and REF OUT
HI
(3.675V).
DS012813-28
Power supplies and bypass capacitors not shown for clarity.
FIGURE 20. LM9811 System Block Diagram
www.national.com
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com