Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF008BM Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MICRF008BM
Description  QwikRadio??Sweep-Mode Receiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF008BM Datasheet(HTML) 4 Page - Micrel Semiconductor

  MICRF008BM Datasheet HTML 1Page - Micrel Semiconductor MICRF008BM Datasheet HTML 2Page - Micrel Semiconductor MICRF008BM Datasheet HTML 3Page - Micrel Semiconductor MICRF008BM Datasheet HTML 4Page - Micrel Semiconductor MICRF008BM Datasheet HTML 5Page - Micrel Semiconductor MICRF008BM Datasheet HTML 6Page - Micrel Semiconductor MICRF008BM Datasheet HTML 7Page - Micrel Semiconductor MICRF008BM Datasheet HTML 8Page - Micrel Semiconductor MICRF008BM Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MICRF008
Micrel
MICRF008
4
July 2003
Note 6.
Sensitivity, a commonly specified receiver parameter, provides an indication of the receiver’s input referred noise, generally input thermal
noise. However, it is possible for a more sensitive receiver to exhibit range performance no better than that of a less sensitive receiver if the
background noise is appreciably higher than the thermal noise. Background noise refers to other interfering signals, such as FM radio
stations, pagers, etc.
A better indicator of achievable receiver range performance is usually given by its selectivity, often stated as intermediate frequency (IF) or
radio frequency (RF) bandwidth, depending on receiver topology. Selectivity is a measure of the rejection by the receiver of ambient noise.
More selective receivers will almost invariably provide better range. Only when the receiver selectivity is so high that most of the noise on the
receiver input is actually thermal will the receiver demonstrate sensitivity-limited performance.
Note 7.
Parameter scales linearly proportional with reference oscillator frequency f
T. For any reference oscillator frequency other than 3.36 MHz,
compute new parameter value as the ratio:
f
MHz
3 36MHz
parameter value at 3.36MHz
REFOSC
.
×
()
Note 8.
Spurious reverse isolation represents the spurious components which appear on the RF input pin (ANT) measured into 50
Ω with an input RF
matching network.
Note 9.
Series resistance of the resonator (ceramic or crystal) should be minimized to the extent possible, to ensure oscillation. In case where the
resonator series resistance is too great, the oscillator may oscillate at a diminished peak-to-peak level, or may fail to oscillate entirely. Micrel
recommends that series resistances for ceramic resonators and crystals not exceed 50
Ω and 100Ω respectively.
Note 10. Parameter scales inversely proportional with reference oscillator frequency f
T. For any reference oscillator frequency other than 3.36 MHz,
compute new parameter value as the ratio:
3 36MHz
F
MHz
parameter value at 3.36MHz
REFOSC
.
×
()
C
TH source impedance in Table 1 is represented by (sym-
bolic) resistor RSC in the MICRF008 Simplified Block Dia-
gram. The Programmable LPF (Low Pass Filter) is also
illustrated in the MICRF008 Simplified Block Diagram.
SEL0
Programmable LPF
C
TH Source
Bandwidth (Hz)
Impedance (
Ω)
0
2400
440k
1
4800
220k
Table 1. Nominal Characteristics
Programmable LPF Bandwidth and C
TH Source
Impedance
Typical Characteristics
4
6
8
10
12
14
16
18
250
300
350
400
450
500
FREQUENCY (MHz)
Supply Current
vs. Frequency
T
A = 25°C
V
DD = 5V
0
2
4
6
8
10
12
14
16
18
-40 -20
0
20
40
60
80 100
TEMPERATURE (
°C)
Supply Current
vs. Temperature
f = 315MHz
V
DD = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com