Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C0603C104K5RACAUTO Datasheet(PDF) 1 Page - Kemet Corporation

Part # C0603C104K5RACAUTO
Description  Ceramic, AUTO-(CxxxxC-AUTO), 0.1 uF, 10%, 50 V, 0603, X7R, SMD, MLCC, Temperature Stable, Automotive Grade
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0603C104K5RACAUTO Datasheet(HTML) 1 Page - Kemet Corporation

  C0603C104K5RACAUTO Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated - af52bc5c-4772-4161-855b-ca64767e2920
KEMET Part Number: C0603C104K5RACAUTO
Ceramic, AUTO-(CxxxxC-AUTO), 0.1 uF, 10%, 50 V, 0603, X7R, SMD, MLCC, Temperature Stable, Automotive Grade
Dimensions
L
1.6mm +/-0.15mm
W
0.8mm +/-0.15mm
T
0.8mm +/-0.07mm
S
0.7mm MIN
B
0.35mm +/-0.15mm
Packaging Specifications
Packaging: T&R, 180mm, Paper Tape
Packaging Quantity: 4000
General Information
Style: SMD Chip
Series: AUTO-(CxxxxC-AUTO)
Chip Size: 0603
Description: SMD, MLCC, Temperature
Stable, Automotive Grade
Features: Temperature Stable, Automotive
Grade
RoHS: Yes
Termination: Tin
Marking: No
Failure Rate: N/A
Approvals: AEC-Q200
AEC-Q200: Yes
Miscellaneous:
Note: Referee time for X7R
dielectric for this part number is
1000 hours
Specifications
Capacitance: 0.1 uF
Capacitance Tolerance: 10%
Voltage DC: 50 VDC
Temperature Range: -55/+125C
Temperature Coefficient: X7R
Dissipation Factor: 2.5%
Aging Rate: 3% Loss/Decade Hour
Insulation Resistance: 5 GOhms
Dielectric Strength: 125 V
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - C0603C104K5RACAUTO

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
C0603C104K5RACAUTO TI-C0603C104K5RACAUTO Datasheet
3Mb / 97P
AMC130M03 3-Channel, 64-kSPS, Simultaneous-Sampling, 16-Bit, Reinforced Isolated Delta-Sigma ADC With Integrated DC/DC Converter
REVISED SEPTEMBER 2023
logo
Kemet Corporation
C0603C104K5RACAUTO7411 KEMET-C0603C104K5RACAUTO7411 Datasheet
60Kb / 1P
SMD Auto X7R, Ceramic, 0.1 uF, 10%, 50 VDC, X7R, SMD, MLCC, Temperature Stable, Automotive Grade, 0603
More results

Similar Description - C0603C104K5RACAUTO

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0805C104J5RACAUTO KEMET-C0805C104J5RACAUTO Datasheet
72Kb / 1P
Ceramic, AUTO-(CxxxxC-AUTO), 0.1 uF, 5%, 50 V, 0805, X7R, SMD, MLCC, Temperature Stable, Automotive Grade
C1206C104K5RACAUTO KEMET-C1206C104K5RACAUTO Datasheet
66Kb / 1P
Ceramic, AUTO-(CxxxxC-AUTO), 0.1 uF, 10%, 50 V, 1206, X7R, SMD, MLCC, Temperature Stable, Automotive Grade
C0603C104K3RACAUTO KEMET-C0603C104K3RACAUTO Datasheet
72Kb / 1P
Ceramic, AUTO-(CxxxxC-AUTO), 0.1 uF, 10%, 25 V, 0603, X7R, SMD, MLCC, Temperature Stable, Automotive Grade
C0603C104K4RACAUTO KEMET-C0603C104K4RACAUTO Datasheet
72Kb / 1P
Ceramic, AUTO-(CxxxxC-AUTO), 0.1 uF, 10%, 16 V, 0603, X7R, SMD, MLCC, Temperature Stable, Automotive Grade
C0603C103K5RACAUTO KEMET-C0603C103K5RACAUTO Datasheet
72Kb / 1P
Ceramic, AUTO-(CxxxxC-AUTO), 0.01 uF, 10%, 50 V, 0603, X7R, SMD, MLCC, Temperature Stable, Automotive Grade
C0805C104M5RACAUTO KEMET-C0805C104M5RACAUTO_17 Datasheet
72Kb / 1P
Ceramic, AUTO-(CxxxxC-AUTO), 0.1 uF, 20%, 50 V, 0805, X7R, SMD, MLCC, Temperature Stable, Automotive Grade
C0603C223K5RACAUTO KEMET-C0603C223K5RACAUTO Datasheet
72Kb / 1P
Ceramic, AUTO-(CxxxxC-AUTO), 0.022 uF, 10%, 50 V, 0603, X7R, SMD, MLCC, Temperature Stable, Automotive Grade
C0603C473K5RACAUTO KEMET-C0603C473K5RACAUTO Datasheet
72Kb / 1P
Ceramic, AUTO-(CxxxxC-AUTO), 0.047 uF, 10%, 50 V, 0603, X7R, SMD, MLCC, Temperature Stable, Automotive Grade
C0603C333K5RACAUTO KEMET-C0603C333K5RACAUTO Datasheet
72Kb / 1P
Ceramic, AUTO-(CxxxxC-AUTO), 0.033 uF, 10%, 50 V, 0603, X7R, SMD, MLCC, Temperature Stable, Automotive Grade
C0603C104J5RACAUTO KEMET-C0603C104J5RACAUTO Datasheet
72Kb / 1P
Ceramic, AUTO-(CxxxxC-AUTO), 0.1 uF, 5%, 50 V, 0603, X7R, SMD, MLCC, Temperature Stable, Automotive Grade
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com