Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP11 Datasheet(PDF) 1 Page - Tyco Electronics

Part # DP11
Description  11mm Rotary Encoder
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

DP11 Datasheet(HTML) 1 Page - Tyco Electronics

  DP11 Datasheet HTML 1Page - Tyco Electronics DP11 Datasheet HTML 2Page - Tyco Electronics DP11 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Key Features
■ 11mm Rotary Encoder
■ Incremental Type
■ Push on Switch Option
■ Various Shaft Lengths
■ Pulse Options
■ Detent Options
11mm Rotary incremental encoder for
use in electronic equipment. Can be
supplied with or without switch
with
customisation to standard options
Characteristics -
Electrical
Pulses:
15, 20
Contact Rating:
10mA 5VDC
Dielectric Strength:
300VAC / 1mA, 1 minute
Insulation Resistance (min):
100M ohms at 250VAC
Operating Speed (RPM):
60 RPM
Switch Power Rating (where fitted):
16VDC, 3A (10mA Min)
Switch Contact Resistance:
100m ohm Max
Electrical Travel:
Continuous
Rotational Noise:
t2 = 2.0 ms max (see below)
Chattering:
t1 & t3 = 3.0 ms max (see below)
Code Off area V = 3.5V or more. Code on area V=1.5V or less
Characteristics -
Mechanical
Total Mechanical Travel:
Continuous
Detents:
0, 20, 30
Switch Operating Force:
612+/- 306gf (for 1.5mm Switch Travel 400+/- 200gf)
Switch Travel:
0.5mm (1.5mm available on request)
Shaft Type:
F – Flatted, K – Knurled, S – Slotted, P - Plain
Shaft Length (from Mounting Surface):
15, 20, 25, 30 (FMF)
Characteristics -
Environmental
Operating Temperature
-10 ~ +45 degrees C
Rotational Life
15,000 Cycles
Output Signal Format
Shaft Rotational
Signal
Format
Direction
A (Terminal A-C)
B (Terminal B-C)
A (Terminal A-C)
B (Terminal B-C)
Clockwise
Anticlockwise
Type DP11 Series
Literature No. 1773449-8
Issued: 02-08
Dimensions are shown for
reference purposes only.
Dimensions are in
millimetres unless
otherwise specified.
Specifications subject to
change.
tycoelectronics.com
passives.tycoelectronics.com
11mm Rotary Encoder
Type DP11 Series


Similar Part No. - DP11

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
DP11 APITECH-DP11 Datasheet
28Kb / 1P
OUTLINE DRAWING DP-11
logo
3M Electronics
DP110 3M-DP110 Datasheet
252Kb / 7P
Scotch-WeldTM Epoxy Adhesive
Mar-2019
logo
Power-One
DP1101-7R POWER-ONE-DP1101-7R Datasheet
72Kb / 5P
120...195 Watt DC-DC Converters
logo
Crydom Inc.,
DP1110 CRYDOM-DP1110 Datasheet
297Kb / 3P
Integrated Circuit Solid-State Relay
logo
MTU Onsite Energy Corpo...
DP111D6S MTU-DP111D6S Datasheet
450Kb / 4P
DIESEL GENERATOR SET
More results

Similar Description - DP11

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
SRE-1211ST MITSUMI-SRE-1211ST Datasheet
84Kb / 2P
Rotary Encoder Switches
logo
Omron Electronics LLC
E6CP OMRON-E6CP Datasheet
70Kb / 4P
Absolute Rotary Encoder
logo
Bourns Electronic Solut...
ENC1J-D28-L00128L BOURNS-ENC1J-D28-L00128L Datasheet
252Kb / 3P
Rotary Optical Encoder
logo
HOKURIKU ELECTRIC INDUS...
ES11MH227S2 HOKURIKU-ES11MH227S2 Datasheet
128Kb / 1P
Metal Shaft Encoder 11mm Size Type
logo
ALPS ELECTRIC CO.,LTD.
EC11B15244 ALPS-EC11B15244 Datasheet
543Kb / 9P
11mm size tow-profile rotary encoder (incremental type) for microscopic current circuits
logo
Bi technologies
EN11 BITECH-EN11_12 Datasheet
133Kb / 4P
11mm Rotary Encoder
P110KV BITECH-P110KV_12 Datasheet
92Kb / 5P
11mm Rotary Potentiometer
EN11 BITECH-EN11_15 Datasheet
125Kb / 4P
11mm Rotary Encoder
logo
TT Electronics.
EN12 TTELEC-EN12 Datasheet
587Kb / 3P
Rotary Encoder
EN16 TTELEC-EN16 Datasheet
519Kb / 3P
Rotary Encoder
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com