Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP12 Datasheet(PDF) 1 Page - Tyco Electronics

Part # DP12
Description  12mm Rotary Encoder
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

DP12 Datasheet(HTML) 1 Page - Tyco Electronics

  DP12 Datasheet HTML 1Page - Tyco Electronics DP12 Datasheet HTML 2Page - Tyco Electronics DP12 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Key Features
■ 12mm Rotary Encoder
■ Incremental Type
■ Push on Switch Option
■ Various Shaft Lengths
■ Pulse Options
■ Detent Options
12mm Rotary incremental encoder for
use in electronic equipment. Can be
supplied with or without switch
with
customisation to standard options.
Characteristics -
Electrical
Pulses:
12 & 24
Contact Rating:
0.5mA 5VDC
Dielectric Strength:
300VAC / 1mA, 1 minute
Insulation Resistance (min):
100M ohms at 250VAC
Operating Speed (RPM):
60 RPM
Switch Power Rating (where fitted):
5VDC, 10mA (1mA Min)
Switch Contact Resistance:
100m ohm Max
Electrical Travel:
Continuous
Rotational Noise:
t2 = 2.0 ms max (see below)
Chattering:
t1 & t3 = 3.0 ms max (see below)
Code Off area V = 3.5V or more. Code on area V=1.5V or less
Characteristics -
Mechanical
Total Mechanical Travel:
Continuous
Detents:
0, 12, 24
Switch Operating Force:
500+/- 100gf
Switch Travel:
0.5mm
Shaft Type:
F – Flatted
Shaft Length (from Mounting Surface):
17.5, 20, 22.5, 25
Characteristics -
Environmental
Operating Temperature
-30 ~ +70 degrees C
Rotational Life
15,000 Cycles
Output Signal Format
Shaft Rotational
Signal
Format
Direction
A (Terminal A-C)
B (Terminal B-C)
A (Terminal A-C)
B (Terminal B-C)
Clockwise
Anticlockwise
Type DP12 Series
Literature No. 1773449-9
Issued: 02-08
Dimensions are shown for
reference purposes only.
Dimensions are in
millimetres unless
otherwise specified.
Specifications subject to
change.
tycoelectronics.com
passives.tycoelectronics.com
12mm Rotary Encoder
Type DP12 Series


Similar Part No. - DP12

ManufacturerPart #DatasheetDescription
logo
Structured Cable Produc...
DP12-5M STRUCTURED-CABLE-DP12-5M Datasheet
885Kb / 3P
5M/16FT - DisplayPort1.2 - HBR2, VESA Certified
1/2/2020
logo
Sensata Technologies, I...
DP1200 SENSATA-DP1200 Datasheet
441Kb / 1P
|DP1200
logo
Semtech Corporation
DP1203C4333 SEMTECH-DP1203C4333 Datasheet
295Kb / 13P
868 and 915MHz Drop-In RF Transceiver Modules
DP1203F SEMTECH-DP1203F Datasheet
395Kb / 13P
433/868/915 MHz RF Modules
DP1205C433 SEMTECH-DP1205C433 Datasheet
317Kb / 13P
Combine Small Form Factor with High Performance
More results

Similar Description - DP12

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
SRE-1211ST MITSUMI-SRE-1211ST Datasheet
84Kb / 2P
Rotary Encoder Switches
logo
Tyco Electronics
DPL12 MACOM-DPL12 Datasheet
181Kb / 3P
12mm Rotary Encoder with LED
logo
Omron Electronics LLC
E6CP OMRON-E6CP Datasheet
70Kb / 4P
Absolute Rotary Encoder
logo
Bourns Electronic Solut...
ENC1J-D28-L00128L BOURNS-ENC1J-D28-L00128L Datasheet
252Kb / 3P
Rotary Optical Encoder
logo
Bi technologies
EN12 BITECH-EN12_08 Datasheet
83Kb / 3P
12mm Rotary Encoder
P120P BITECH-P120P_08 Datasheet
88Kb / 4P
12mm Rotary Potentiometer
logo
Tyco Electronics
DP11 MACOM-DP11 Datasheet
243Kb / 3P
11mm Rotary Encoder
logo
TT Electronics.
EN12 TTELEC-EN12 Datasheet
587Kb / 3P
Rotary Encoder
EN16 TTELEC-EN16 Datasheet
519Kb / 3P
Rotary Encoder
logo
Pepperl+Fuchs Inc.
ENI58IL-S PF-ENI58IL-S Datasheet
1Mb / 6P
Incremental rotary encoder
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com