Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RO25002NF Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # RO25002NF
Description  RADOME OMNI- OMNIDIRECTIONAL
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

RO25002NF Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  RO25002NF Datasheet HTML 1Page - Pulse A Technitrol Company RO25002NF Datasheet HTML 2Page - Pulse A Technitrol Company RO25002NF Datasheet HTML 3Page - Pulse A Technitrol Company RO25002NF Datasheet HTML 4Page - Pulse A Technitrol Company RO25002NF Datasheet HTML 5Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TECHNICAL DATA SHEET
Page 2 of 5
RADOME OMNI- OMNIDIRECTIONAL
RO25002NF
2300-2700 MHz
Series : ANTENNA
Issue: 1523
In the effort to improve our products, we reserve the right to make changes judged to be necessary
.
C O N F I D E N T I A L A ND P R O P R I E T A R Y I N FO R M A T I O N
T h i s d o c u m en t c o n ta i n s c o n f i d en t i a l a n d p r o p r i e t a r y i n f o r m a t i o n o f P u l s e E le c t r o n i c s , I n c . ( P u l s e) a n d is p r o t e c t e d b y c o p y r ig h t , t r a d e s e c r e t a n d
o t h e r s t a t e a n d f ed e r a l la w s . Its r e c e ip t o r p o s s e s s i o n d o e s n o t c o n v e y a n y r i g h t s t o r ep r o d u c e , d i s c l o s e its c o n t en t s , o r t o m a n u f a c t u r e, u s e o r
s e l l a n y t h in g it m a y d e s c r i b e . R e p r o d u c t i o n , d i s c lo s u r e o r u s e w i t h o u t s p e c if i c w r i t t e n a u t h o r i z a t i o n o f P u l s e is s t r i c t l y f o r b i d d e n
ELECTRICAL SPECIFICATIONS
Antenna type
Dipole (All electrical performance measured “in free space”)
Frequency
2300-2700 MHz
Nominal Impedance
50
VSWR
2:1 Max
Peak Gain
2 dBi
Efficiency
85 %
HPBW / Horizontal Plane
Omni
HPBW / Vertical Plane
70 ° TYP
Polarization:
Vertical
Power withstanding
50 W
PIM at 2x20 watts
-155 dBc
E.S.D. Protection
DC Grounded
Connector type
N Female
MECHANICAL SPECIFICATIONS
Plastic radome
Pultruded polyester/fiberglass – UV protected
Color
White
Ingress Protection
IP67
Weight
100 g
Wind-loading
150 mph
Overall length
5.12 INCHES
Side loading @ 1 ft
30 Lbs
Pull off
100 Lbs
ENVIRONMENTAL SPECIFICATIONS
Operating temperature
-40/+85 ° C
Temperature Cyclic
-40°C dwell 6 hours/+65°C dwell 6 hours, 4 full cycles
4 full cycles (no condensation)4 full cycles (no condensation)
Rate 5°C/min
Leak test
Fully submerged 12”, 12 hours



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com