Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UB10.245 Datasheet(PDF) 21 Page - PULS GmbH

Part # UB10.245
Description  DC-UPS, DUAL OUTPUT
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

UB10.245 Datasheet(HTML) 21 Page - PULS GmbH

Back Button UB10.245 Datasheet HTML 16Page - PULS GmbH UB10.245 Datasheet HTML 17Page - PULS GmbH UB10.245 Datasheet HTML 18Page - PULS GmbH UB10.245 Datasheet HTML 19Page - PULS GmbH UB10.245 Datasheet HTML 20Page - PULS GmbH UB10.245 Datasheet HTML 21Page - PULS GmbH UB10.245 Datasheet HTML 22Page - PULS GmbH UB10.245 Datasheet HTML 23Page - PULS GmbH UB10.245 Datasheet HTML 24Page - PULS GmbH  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
UB10.245
U–Series
DC-UPS, DUAL OUTPUT
26. ACCESSORIES
Battery Modules
Two pre-assembled battery modules with a single 12V battery are available for different buffer times. As an option,
the mounting brackets are also available without batteries. This option offers more flexibility in selecting an
appropriate battery or can save shipping and logistic costs. See individual datasheets for detailed information.
UZK12.071
UZK12.261
Battery type
Standard version
12V, 7Ah
High current version
12V, 26Ah
VRLA lead-acid maintenance free
battery
Service life
3 to 5years
10 to 12years
According to EUROBAT guideline
Dimensions
155x124x112mm
214x179x158mm
Width x height x depth
Weight
3.2kg
9.9kg
DIN-Rail mountable
yes
no
Order number
UZK12.071
UZK12.261
Battery module
UZO12.07
UZO12.26
Mounting bracket without battery
UZB12.071
UZB12.261
Replacement battery only
Fig. 26-1 UZK12.071
Fig. 26-2 UZK12.261
21/24
ZM1.WALL Wall / Panel mounting bracket
This bracket is used to mount the DC-UPS units onto a flat surface without utilizing a DIN-Rail. The two aluminum
brackets and the black plastic slider of the DC-UPS have to be removed so that the two surface brackets can be
mounted.
Fig. 26-3 ZM1.WALL Wall / Panel Mounting Bracket
Fig. 26-4 Assembled Wall / Panel Mounting Bracket
June. 2010 / Rev. 1.1 Datasheet DS-UB10.245-EN
All parameters are specified at an input voltage of 24V, 10A output load, 25°C ambient and after a 5 minutes run-in time
unless otherwise noted. It is assumed that the input power source can deliver a sufficient output current.
www.pulspower.com Phone +49 89 9278 0
Germany



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com