Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UB10.241 Datasheet(PDF) 9 Page - PULS GmbH

Part # UB10.241
Description  DC-UPS CONTROL UNIT
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

UB10.241 Datasheet(HTML) 9 Page - PULS GmbH

Back Button UB10.241 Datasheet HTML 5Page - PULS GmbH UB10.241 Datasheet HTML 6Page - PULS GmbH UB10.241 Datasheet HTML 7Page - PULS GmbH UB10.241 Datasheet HTML 8Page - PULS GmbH UB10.241 Datasheet HTML 9Page - PULS GmbH UB10.241 Datasheet HTML 10Page - PULS GmbH UB10.241 Datasheet HTML 11Page - PULS GmbH UB10.241 Datasheet HTML 12Page - PULS GmbH UB10.241 Datasheet HTML 13Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
UB10.241
U–Series
24V, 10A, DC-UPS
10. EFFICIENCY AND POWER LOSSES
Efficiency
typ.
97.8%
Normal mode, 10A output current, battery fully charged
Power losses
typ.
2.9W
Normal mode, 0A output current, battery fully charged
typ.
5.5W
Normal mode, 10A output current, battery fully charged
typ.
5.0W
During battery charging, 0A output current
typ.
18.5W
Buffer mode, 10A output current
Fig. 10-1 Efficiency at 24V, typ.
Fig. 10-2 Losses at 24V, typ.
Power losses versus output
current in normal mode
0
07.5
2
3
5
15A
1
4
6
7
8W
Output Current
2.5
5
10
12.5
Efficiency vs. output
current in normal mode
94.5
39
95.5
96.0
97.0
15A
95.0
96.5
97.5
98%
Output Current
5
7
11
13
9/23
11. FUNCTIONAL DIAGRAM
Fig. 11-1 Functional diagram
DC-UPS Control Unit
Battery
Charger
Battery
Tester
Cut-off
Relay
Battery
-
12V Battery
24V
Power
Supply
Input
-
+
-
+
Reverse
Polarity
Protection
Input Fuse
&
*
(5)
(6)
Ready
Contact
(1)
(2)
Buffering
Contact
(3)
(4)
Electronic
Current
Limiter
Buffered
Load
+
-
Output
Controller
Diagnosis LED (yellow)
Check Wiring LED (red)
Status LED (green)
Buffer-time Limiter
10s, 30s, 1m, 3m, 10m,
End-of-charge Voltage
Inhibit -
Inhibit +
Replace
Battery
Contact
Step-up
Converter
(7)
(8)
*)
Return current protection; This feature utilizes a Mosfet instead of a diode in order to minimize the voltage drop and power
losses.
June. 2010 / Rev. 1.3 DS-UB10.241-EN
All parameters are specified at an input voltage of 24V, 10A output load, 25°C ambient and after a 5 minutes run-in time
unless otherwise noted. It is assumed that the input power source can deliver a sufficient output current.
www.pulspower.com Phone +49 89 9278 0
Germany



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com