Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLR2.100 Datasheet(PDF) 2 Page - PULS GmbH

Part # SLR2.100
Description  Baby with redundancy
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

SLR2.100 Datasheet(HTML) 2 Page - PULS GmbH

  SLR2.100 Datasheet HTML 1Page - PULS GmbH SLR2.100 Datasheet HTML 2Page - PULS GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Your partner in power supply:
European
Power Supply
Manufacturers
Association
PULS GmbH
Arabellastraße 15
D-81925 München
Tel.: +49 89 9278-0
www.puls-power.com
Fax: +49 89 9278-199
Data sheet
2/ 2
slr2e100 / 040121
Bayerns Best 50
Czech 100 Best
EuropeÕs 500
Unless otherwise stated, specifications are valid for AC 230V input voltage, +25°C ambient temperature, and 5 min. run-in time. They are subject to change without prior notice.
Start / Overload Behaviour
Further information
Start-up delay
typ. 0.1 s
Rise time
ca. 5-20 ms, depending on load
Overload Behaviour
• Special PULS Over-
load Design (see
right diagram)
– no disconnection, no hiccup if overloaded
– high overload current (up to 1.5 INom), Vout
is gradually reduced with increasing cur-
rent.
Advantages:
• High short-circuit current, giving large ’start-up window’: unit starts
reliably even with awkward loads (DC-DC converters, motors).
• No ’sticking’ such as can occur with fold-back characteristics
• Secondary fuses operate reliably
Further information, especially about
•EMC
• Connections
• Safety, Approvals
• Mechanics and Mounting
see page 2 of „The SilverLine“ data sheet.
For detailed dimensions
see SilverLine mechanics data sheet SLR2.5/ 5/ 10
Power wiring
SLR2.5
–
GND
+24V
N
+
L
SLR2.5
–
N
+
L
0
4
8
12
16
20
24
28
01
234
56
Output current Iout [A]
Tamb = 60°C / 45°C / 25°C / 0 °C
0
10
20
30
40
50
60
70
80
90
100
90
120
150
180
210
240
Input voltage VACin [V]
Iout=1,5 A
Iout=2,5 A
Iout=1,0 A
Iout=1,5 A
Iout=2,5 A
Switch pos.
115V
Switch pos
230V
ACin
0
10
20
30
40
50
60
70
80
90
100
80
120
160
200
240
280
320
Input voltage VDCin [V]
Iout=2,5
Iout=1,5
Iout=1,0
DCin
Output Current over Input Voltage (min.)
Hold-up time (min.)
Output characteristic (min.)
1
2
Input voltage VACin [V]
3
1
2
3
100
200
300
400
100
200
300
400
Input voltage VDCin [V]
switch at 115V
80
375
160
85
95
132
264
ACin
DCin
>95 VDC für Start
176
switch at 230V



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com