Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QT40.481 Datasheet(PDF) 21 Page - PULS GmbH

Part # QT40.481
Description  THREE PHASE INPUT
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

QT40.481 Datasheet(HTML) 21 Page - PULS GmbH

Back Button QT40.481 Datasheet HTML 17Page - PULS GmbH QT40.481 Datasheet HTML 18Page - PULS GmbH QT40.481 Datasheet HTML 19Page - PULS GmbH QT40.481 Datasheet HTML 20Page - PULS GmbH QT40.481 Datasheet HTML 21Page - PULS GmbH QT40.481 Datasheet HTML 22Page - PULS GmbH QT40.481 Datasheet HTML 23Page - PULS GmbH QT40.481 Datasheet HTML 24Page - PULS GmbH QT40.481 Datasheet HTML 25Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
QT40.481
Q-Series
48V, 20A, THREE PHASE INPUT
23.3. YR40.482 - REDUNDANCY MODULE
The YR40.482 is equipped with two input channels (20A each), which are individually
decoupled by utilizing mosfet technology. The output current can go as high as 40A.
Using mosfets instead of diodes reduces the heat generation and the voltage drop between
input and output.
The YR40.482 does not require an additional auxiliary voltage and is self-powered even in
case of a short circuit across the output.
Due to the low power losses, the unit is very slender and only requires 46mm width on the
DIN-rail.
Fig. 23-1 Typical 1+1 Redundant configuration for 20A with a dual redundancy module
48V
20A
Load
Failure
Monitor
L1 L2 L3 PE
+ +
- -
48V, 20A
Parallel Use
Single Use
DC-
OK
QT40.481
48V Power Supply
I
I
I
I
I
I
21/28
L1
L2
PE
L3
YR40.482
Redundancy
Module
Input
1
Input
2
Output
+
- + -
+
-
L1 L2 L3 PE
+ +
- -
48V, 20A
Parallel Use
Single Use
DC-
OK
QT40.481
48V Power Supply
Dec. 2015 / Rev. 2.3 DS-QT40.481-EN
All parameters are specified at 48V, 20A, 3x400Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com