Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QT20.481 Datasheet(PDF) 21 Page - PULS GmbH

Part # QT20.481
Description  THREE PHASE INPUT
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

QT20.481 Datasheet(HTML) 21 Page - PULS GmbH

Back Button QT20.481 Datasheet HTML 15Page - PULS GmbH QT20.481 Datasheet HTML 16Page - PULS GmbH QT20.481 Datasheet HTML 17Page - PULS GmbH QT20.481 Datasheet HTML 18Page - PULS GmbH QT20.481 Datasheet HTML 19Page - PULS GmbH QT20.481 Datasheet HTML 20Page - PULS GmbH QT20.481 Datasheet HTML 21Page - PULS GmbH QT20.481 Datasheet HTML 22Page - PULS GmbH QT20.481 Datasheet HTML 23Page - PULS GmbH  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
QT20.481
Q-Series
48V, 10A, THREE PHASE INPUT
Oct. 2006 / Rev. 1.0 DS-QT20.481-EN
All parameters are specified at 48V, 10A, 3x400Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
21/23
27.8. PARALLEL USE TO INCREASE OUTPUT POWER
Power supplies can be paralleled to increase the output power.
Fig. 27-10 Schematic for parallel operation
Instructions for parallel use:
Unit B
-
+
Load
+
-
Fuse *)
Fuse *)
AC
DC
AC
DC
-
+
Unit A
a)
Use only power supplies from the same series (Q-Series).
b)
Adjust the output voltages of all power supplies to
approximately the same value (±500mV).
Otherwise, the DC-ok signal might not work properly.
c)
A fuse (or diode) on the output is only required if more
than three units are connected in parallel.
d)
Keep an installation clearance of 15mm (left / right)
between two power supplies and avoid installing the
power supplies on top of each other.
27.9. PARALLEL USE FOR REDUNDANCY
Power supplies can be paralleled for redundancy to gain a higher system availability. Redundant systems require a
certain amount of extra power to support the load in case one power supply unit fails. The simplest way is to put two
Q-Series power supplies in parallel. This is called a 1+1 redundancy. In case one power supply unit fails, the other one
is automatically able to support the load current without any interruption. Redundant systems for a higher power
demand are usually built in a N+1 method. E.g. Five power supplies, each rated for 10A are paralleled to build a 40A
redundant system.
Please note: This simple way to build a redundant system does not cover failures such as an internal short circuit in
the secondary side of the power supply. In such a - virtually nearly impossible - case, the defect unit becomes a load
for the other power supplies and the output voltage can not be maintained any more. This can only be avoided by
utilizing decoupling diodes which are included in the decoupling module YR2.DIODE.
Recommendations for building redundant power systems:
a)
Use separate input fuses for each power supply.
b)
Monitor the individual power supply units. A DC-ok lamp and a DC-ok contact is already included in the units
This feature reports a faulty unit.
c)
When possible, connect each power supply to different phases or circuits.
d)
It is desirable to set the output voltages of all power supplies to the same value to avoid a false DC-ok signal.
27.10.DAISY CHAINING OF OUTPUTS
Daisy chaining (jumping from one power supply output to the next) is allowed as long as the maximum current
through one terminal pin does not exceed 25A. If the current is higher, use a separate distribution terminal block.
Fig. 27-11 Daisy chaining of outputs
Fig. 27-12 Using distribution terminals
Power
Supply
+ +
- -
Input
Power
Supply
+ +
- -
Input
Load
+
-
max 25A!
Power
Supply
+ +
- -
Input
Power
Supply
+ +
- -
Input
Load
+
-
Distribution
Terminals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com