Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP2D Datasheet(PDF) 2 Page - Toppower Electronic Technology Limited

Part # TP2D
Description  3W 1KVDC Isolated Wide Input Dual Output DC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP2D Datasheet(HTML) 2 Page - Toppower Electronic Technology Limited

  TP2D Datasheet HTML 1Page - Toppower Electronic Technology Limited TP2D Datasheet HTML 2Page - Toppower Electronic Technology Limited TP2D Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TP2D Series
www.gztoppower.com
TEL:020-82019000
EMAIL:sales@gztoppower.com
page 2 of 3
OUTPUT CHARACTERISTICS
Parameter
Conditions
Min
Typ
Max.
Units
Voltage set point accuracy
With external input/output capacitors
3.3V & 5V outputs
±2
±5
%
12V & 15V outputs
±1
±3
%
Load regulation
Low line to high line with external input/output capacitors
0.2
0.5
%
Load regulation
25% load to 100% load with external input/output
capacitors with balanced load
3.3V & 5V outputs
0.5
1.0
%
12V & 15V outputs
0.2
0.6
%
Cross regulation
% voltage change on negative output when
positive load varies from 12% to 50% of 3W rating,
with negative load fixed at 50%
All types
6.0
%
Short circuit protection
Continuous
GENERAL CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Switching frequency
100% to 25% load, VIN min to max
60
630
kHz
TEMPER ATURE CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Operation
-40
85
°C
Storage
-50
130
°C
Case temperature rise above ambient
All types
45
°C
ISOLATION CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation voltage
tested for 1 second
1000
VDC
Resistance
Viso=1KVDC
1
MECHANICAL DIMENSIONS
PIN CONNECTIONS
24 PIN DIP
Pin
Function
2
-Vin
3
-Vin
9
0V
11
-Vout
14
+Vout
16
0V
22
+Vin
23
+Vin
All dimensions in mm ±0.25mm. All pins on a 2.54mm pitch
and within ± 0.25mm of true position.
Weight: 6.0g
2.54
5.08
4.70
2.54
22.86
15.25(MAX)
0.73
0.63
32.26
TP2D2405
YYWW
14.66
7.00
4.70
3.70
0.30
0.20
TOPPOWER
DIP Package
-Vin
2
3
9
11
14
16
22
23
+Vin
-Vin
-Vout
+Vout
OV
OV
+Vin
Top view
TOPPOWER



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com