Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP2Y1209 Datasheet(PDF) 3 Page - Toppower Electronic Technology Limited

Part # TP2Y1209
Description  3W 1KVDC Isolated Wide Input DC/DC Converters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP2Y1209 Datasheet(HTML) 3 Page - Toppower Electronic Technology Limited

  TP2Y1209 Datasheet HTML 1Page - Toppower Electronic Technology Limited TP2Y1209 Datasheet HTML 2Page - Toppower Electronic Technology Limited TP2Y1209 Datasheet HTML 3Page - Toppower Electronic Technology Limited TP2Y1209 Datasheet HTML 4Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TP2Y Series
www.gztoppower.com
TEL:020-82019000
EMAIL:sales@gztoppower.com
page 3 of 4
TEST CIRCUIT, 5V, 12V AND 15V OUTPUT
CIRCUIT FOR REDUCED RIPPLE 3.3V OUTPUT
OUTPUT LOAD
The minimum rated load across the whole input voltage range is 25% of the full load output
SOLDERING INFORMATION
TP2Y05 POWER DERATING CURVE
This series is compatible with RoHS soldering systems with a peak wave solder
temperature of 300℃ for 10 seconds. The series is backward compatible with Sn/Pb
soldering systems.
MECHANICAL DIMENSIONS
PIN CONNECTIONS(TOP VIEW)
24 PIN DIP
Pin
Function
1
+Vin
10
-Vout
11
+Vout
12
-Vin
13
-Vin
14
+Vout
15
-Vout
24
+Vin
COUT
+V
OUT
OUT
-V
IN
+V
CIN
-V
IN
TP2Y
TP2Y
IN
-V
CIN
+V
IN
-V
OUT
OUT
+V
COUT
L
OUT
9
8
7
6
5
4.5
0
1
2
3
4
5
Input voltage(V)
16.35(MAX)
27.94
0.84
0.54
32.26
TP2Y1205
YYWW
14.66
7.00
5.00
4.00
2.54
0.30
0.20
TOPPOWER
All dimensions in mm ±0.25mm. All pins on a 2.54mm
pitch and within ±0.25mm of true position.
Weight: 6.2g (3.3V: 6.7g)
DIP Package
+Vin
-Vout
+Vout
-Vin
-Vin
+Vout
-Vout
+Vin
12
13
11
14
10
15
24
1
Top View
TOPPOWER



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com