Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP2S2403 Datasheet(PDF) 3 Page - Toppower Electronic Technology Limited

Part # TP2S2403
Description  3W 1KVDC Isolated Single Output DC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP2S2403 Datasheet(HTML) 3 Page - Toppower Electronic Technology Limited

  TP2S2403 Datasheet HTML 1Page - Toppower Electronic Technology Limited TP2S2403 Datasheet HTML 2Page - Toppower Electronic Technology Limited TP2S2403 Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TP2S Series
www.gztoppower.com
TEL:020-82019000
EMAIL:sales@gztoppower.com
page 3 of 3
Weight: 6.2g
All dimensions in mm ±0.25mm. All pins on a 2.54mm pitch
and within ±0.25mm of true position.
NA - Not available for electrical connection.
NC-No internal connection
MECHANICAL DIMENSIONS
PIN CONNECTIONS
24 PIN DIP
Pin
Function
2
-Vin
3
-Vin
9
NA
11
NC
14
+Vout
16
-Vout
22
+Vin
23
+Vin
RECOMMENDED FOOTPRINT DETAILS
TUBE OUTLINE DIMENSIONS
SOLDERING INFORMATION
This series is compatible with RoHS soldering systems with a peak wave solder temperature of 300℃ for 10 seconds. The series is backward compatible with Sn/Pb
soldering systems.
MINIMUM LOAD
The minimum load for correct operation is 25% of the full rated load across the specified input voltage range.
16.70±0.55
20.70±0.55
6.80±0.55
0.60±0.15
All dimensions in mm ±0.25m. All pins on a .54mm pitch and within
±0.25mm of true position.
All dimensions in mm ±0.5mm.
Tube length : 520mm ±2mm.
Tube Quantity:15PCS
2.54
2.54
8HOLES
1.30
1.45
-Vin
NC
NA
+Vout
-Vout
+Vin
23
22
16
14
11
9
3
2
-Vin
+Vin
Top view
DIP Package
0.30
0.20
4.70
3.70
7.00
14.66
YYWW
TP2S2412
32.26
0.73
0.63
15.25(MAX)
22.86
2.54
4.70
5.08
TOPPOWER
TOPPOWER



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com