Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM9822CCWM1 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9822CCWM1
Description  LM9822 3 Channel 42-Bit Color Scanner Analog Front End
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9822CCWM1 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM9822CCWM1 Datasheet HTML 2Page - National Semiconductor (TI) LM9822CCWM1 Datasheet HTML 3Page - National Semiconductor (TI) LM9822CCWM1 Datasheet HTML 4Page - National Semiconductor (TI) LM9822CCWM1 Datasheet HTML 5Page - National Semiconductor (TI) LM9822CCWM1 Datasheet HTML 6Page - National Semiconductor (TI) LM9822CCWM1 Datasheet HTML 7Page - National Semiconductor (TI) LM9822CCWM1 Datasheet HTML 8Page - National Semiconductor (TI) LM9822CCWM1 Datasheet HTML 9Page - National Semiconductor (TI) LM9822CCWM1 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
6
www.national.com
Electrical Characteristics (Continued)
Note 9: Typicals are at TJ=TA=25°C, f MCLK = 12MHz, and represent most likely parametric norm.
Note 10: Tested limits are guaranteed to National's AOQL (Average Outgoing Quality Level).
Note 11: Full channel integral non-linearity error is defined as the deviation of the analog value, expressed in LSBs, from the straight line that best fits the actual transfer
function of the AFE.
Note 12: The sensor’s maximum peak differential signal range is defined as the peak sensor output voltage for a white (full scale) image, with respect to the dark reference
level.
Note 13: PGA Gain Error is the maximum difference between the measured gain for any PGA code and the ideal gain calculated using:
where
.
Note 14: Full Channel INL and DNL are tested with CDS disabled, negative signal polarity, DOE = 0, and a single OS input with a gain register setting of 1 (000001b) and
an offset register setting of 0 (000000b).
Note 15: The digital supply current (ID) does not include the load, data and switching frequency dependent current required to drive the digital output bus on pins (D7 - D0).
The current required to switch the digital data bus can be calculated from: Isw = 2*Nd*Psw*CL*VD/tMCLK where Nd is total number of data pins, Psw is the probability of
each data bit switching, CL is the capacitive loading on each data pin, V D is the digital supply voltage and t MCLK is the period of the MCLK input. For most applications, Nd
is 8, Psw is
≈ 0.5, and V
D is 5V,and the switching current can be calculated fr om: Isw = 40* CL/tMCLK. (With
D at 3.3V, the equation becomes: Isw = 26.4*CL/tMCLK.) For
example, if the capacitive load on each digital output pin (D7 - D0) is 20pF and the period of t MCLK is 1/12MHz or 83ns, then the digital switching current would be 9.6mA.
The calculated digital switching current will be drawn through the V D pin and should be considered as part of the total power budget for the LM9822.
Note 16: All specifications quoted in LSBs are based on 12 bit resolution.
VWHITE
VREF
VRFT
CCD Output Signal
CIS Output Signal
VWHIT
Black Level
Gain
PGA
V
V
----


G
0
X
PGA code
32
-----------------------------
+
=X
G
31
G
0
–
()32
31
------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com