Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP2S2412 Datasheet(PDF) 2 Page - Toppower Electronic Technology Limited

Part # TP2S2412
Description  3W 1KVDC Isolated Single Output DC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP2S2412 Datasheet(HTML) 2 Page - Toppower Electronic Technology Limited

  TP2S2412 Datasheet HTML 1Page - Toppower Electronic Technology Limited TP2S2412 Datasheet HTML 2Page - Toppower Electronic Technology Limited TP2S2412 Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TP2S Series
www.gztoppower.com
TEL:020-82019000
EMAIL:sales@gztoppower.com
page 2 of 3
ABSOLUTE MAXIMUM RATINGS
Short-circuit protection
Continuous
Lead temperature 1.5mm from case for 10 seconds
300°C
Minimum output load for specification
25% of rated output
05V input types
10V
12 input types
20V
24 input types
40V
48 input types
80V
Free air space
10mm Min. around component
GENERAL CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Switching frequency
100% to 25% load, VIN Min. to Max.
70
660
kHz
TEMPERATURE CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Operation
-40
85
℃
Storage
-50
130
℃
Case temperature rise above ambient
40
℃
TEMPERATURE CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation voltage
Flash tested for 1 second
1000
VDC
Resistance
Resistance
1
G□
RECOMMENDED INPUT & OUTPUT CAPACITORS
These converters will work without external capacitors, in order to guarantee the full parametric performance over the full line and load range we recommend you to
use the value we listed below. All parts have been tested and characterized using the following values and test circuit.
Onput Voltage
Cout
3.3V, 5V
220µF, 16V (0.12Ω at 100kHz)
12V, 15V
100µF, 25V (0.25Ω at 100kHz)
Input Voltage
Cin
5V, 12V
100µF, 25V (0.25Ω at 100kHz)
24V, 48V
10µF, 100V (1.5Ω at 100kHz)
TEST CIRCUIT
REFLECTED RIPPLE CURRENT MEASUREMENT
CIN
COUT
Supply +V
IN
IN
-V
Supply
+V
IN
IN
-V
OUT
+V
-V
OUT
TP2S
TP2S
OUT
-V
+V
OUT
-V
IN
IN
+V
Supply -V
IN
IN
+V
Supply
COUT
CIN
电流探测器
C1
12uH
Laod
Current
C1 = 220µF, ESR < 0.1Ω at 100kHz
TOPPOWER



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com