Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS32 Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # MS32
Description  AMR Switching-Sensor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

MS32 Datasheet(HTML) 2 Page - TE Connectivity Ltd

  MS32 Datasheet HTML 1Page - TE Connectivity Ltd MS32 Datasheet HTML 2Page - TE Connectivity Ltd MS32 Datasheet HTML 3Page - TE Connectivity Ltd MS32 Datasheet HTML 4Page - TE Connectivity Ltd MS32 Datasheet HTML 5Page - TE Connectivity Ltd MS32 Datasheet HTML 6Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MS32
Switching Sensor
SENSOR SOLUTIONS /// MS32 Rev 6
1/2016
Page 2
CHARACTERISTIC VALUES
Parameter
Condition
Symbol
Min
Typ
Max
Unit
Mechanical dimensions
Length
X
2.5
mm
Width
Y
2.5
mm
Height
Z
0.75
mm
Pad size
7)
0.25 x 0.30
mm2
Operating limits
Max. supply voltage
VCC, MAX
30
V
Temp. compensation range
TCOMP
-25
+85
°C
Operating temperature
TOP
-45
+125
°C
Storage temperature
TST
-45
+150
°C
Stress above one or more of the limiting values may cause permanent damage to the device. Exposure to limiting values for extended periods
may affect device reliability.
Parameter
Condition
Symbol
Min
Typ
Max
Unit
Sensor specification (VCC = 5 V, T = 30 °C)
Supply voltage
VCC
5
30
V
Resistance
RB
10300
11500

Offset
VOFF/VCC
-4
-1.5
mV/V
Sensitivity
1)
S
2
3
(mV/V)/(kA/m)
Output amplitude
2)
VMAX
8
mV/V
Hysteresis (@ V0=0) 3)
Hyst.
0.9
mV/V
Sensor specification (T = -25 °C; +85°C; Conditions A & B) 6)
TC of amplitude
TCSV
-0.35
%/K
TC of bridge resistance
TCBR
+0.35
%/K
Switching field 5)
4)
Hs
1.40
1.85
2.30
kA/m
All parameters are measured on wafer level.
1) average gradient in the range 1.0 - 2.0 kA/m
2) difference between output voltage/supply voltage measured at H = 7 kA/m and H = 0 kA/m
3) hysteresis [in kA/m] = hysteresis [in mV/V] /S
4) switching voltage = 0 mV/V
5) switching field = magnetic field at switching voltage
6) values at
–25°C can be determined by linear extrapolation from +30°C- and +85°C-values.
7) recommended solder reflow process according to IPC/JEDEC J-STD-020D (Pb-Free Process)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com