Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL-10W Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # SSL-10W
Description  10W Triac Dimmable LED Driver
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

SSL-10W Datasheet(HTML) 2 Page - TE Connectivity Ltd

  SSL-10W Datasheet HTML 1Page - TE Connectivity Ltd SSL-10W Datasheet HTML 2Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NEVALO SSL System
10W Triac Dimmable LED Driver
350mA Constant Current
ORDERING INFORMATION
Part
Number
Output
Power (W)
Nominal
Input Voltage
(VAC)
Output
Current
(mA)
Output
Voltage
(Min)
Output
Voltage
(Max)
System
Budget
2154092-1
10
120 +/- 10%
350
8
25
8-25
*System Budget is a unique NEVALO SSL system feature that allows the appropriate LED Light Module (LLM)
loading to the driver. Orange = 350mA and matches color coding on driver.
ELECTROMAGNETIC COMPATIBILITY
Parameter
Conditions
EMI Conducted and Radiated
FCC Title 47, Part 15, Class B
Surge Immunity
ANSI/IEEE C62.41. - 1991 100 KHz ring wave 2.5KV level
ESD Immunity
EN61000-4-4, Level 2
As assembled into complete product
APPROVALS
Parameter
Standard
USA Safety
UL 8750 Recognized, compliant
to UL 1310
As assembled into complete product
PRODUCT DIMENSIONS
DOCUMENTS
Click for link to document
Product Specification
108-2450
Customer Drawing
2154092-1
IS sheet
408-10419
nevalo.com
te.com
© 2011 Tyco Electronics Corporation. All Rights Reserved.
6-1773459-5 CIS PDF 05/2011
NEVALO, TE (logo) and TE Connectivity are trademarks of the TE Connectivity group of companies and its licensors.
Other products, logos, and company names mentioned herein may be trademarks of their respective owners.
OUTPUT:
NEVALO INTERFACE
18 AWG STRANDED
UL1007 300V WIRE
COLOR: WHITE (NEUTRAL)
AND BLACK (LINE)
138.0
130.0
117.0
9.0+0.5 2X
203.2+5.0 2X
30.0
3.5 4X
2.0 2X
61.5
27.0
INPUT: FLYING LEADS
OUTPUT:
NEVALO INTERFACE
18 AWG STRANDED
UL1007 300V WIRE
COLOR: WHITE (NEUTRAL)
AND BLACK (LINE)
138.0
130.0
117.0
9.0+0.5 2X
203.2+5.0 2X
30.0
3.5 4X
2.0 2X
61.5
27.0
INPUT: FLYING LEADS
OUTPUT:
NEVALO INTERFACE
18 AWG STRANDED
UL1007 300V WIRE
COLOR: WHITE (NEUTRAL)
AND BLACK (LINE)
138.0
130.0
117.0
9.0+0.5 2X
203.2+5.0 2X
30.0
3.5 4X
2.0 2X
61.5
27.0
INPUT: FLYING LEADS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com