Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL-18W Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # SSL-18W
Description  18W Triac Dimmable LED Driver
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

SSL-18W Datasheet(HTML) 2 Page - TE Connectivity Ltd

  SSL-18W Datasheet HTML 1Page - TE Connectivity Ltd SSL-18W Datasheet HTML 2Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NEVALO SSL System
18W Triac Dimmable LED Driver
700mA Constant Current
ORDERING INFORMATION
Part
Number
Output
Power (W)
Nominal
Input Voltage
(VAC)
Output
Current
(mA)
Output
Voltage
(Min)
Output
Voltage
(Max)
System
Budget
2154095-1
18
120 +/- 10%
700
8
25
8-25
*System Budget is a unique NEVALO SSL system feature that allows the appropriate LED Light Module (LLM)
loading to the driver. Red = 700mA and matches color coding on driver.
ELECTROMAGNETIC COMPATIBILITY
Parameter
Conditions
EMI Conducted and Radiated
FCC Title 47, Part 15, Class B
Surge Immunity
ANSI/IEEE C62.41. - 1991 100 KHz ring wave 2.5 KV level
ESD Immunity
EN61000-4-4, Level 2
As assembled into complete product
APPROVALS
Parameter
Standard
USA Safety
UL 8750 Recognized, compliant
to UL 1310
As assembled into complete product
PRODUCT DIMENSIONS
OUTPUT:
NEVALO INTERFACE
18 AWG STRANDED
UL1007 300V WIRE
COLOR: WHITE (NEUTRAL)
AND BLACK (LINE)
131.0
123.0
117.0
9.0+0.5 2X
203.2+5.0 2X
30.0
3.5 4X
2.0 2X
61.5
31.0 2X
INPUT: FLYING LEADS
OUTPUT:
NEVALO INTERFACE
18 AWG STRANDED
UL1007 300V WIRE
COLOR: WHITE (NEUTRAL)
AND BLACK (LINE)
131.0
123.0
117.0
9.0+0.5 2X
203.2+5.0 2X
30.0
3.5 4X
2.0 2X
61.5
31.0 2X
INPUT: FLYING LEADS
OUTPUT:
NEVALO INTERFACE
18 AWG STRANDED
UL1007 300V WIRE
COLOR: WHITE (NEUTRAL)
AND BLACK (LINE)
131.0
123.0
117.0
9.0+0.5 2X
203.2+5.0 2X
30.0
3.5 4X
2.0 2X
61.5
31.0 2X
INPUT: FLYING LEADS
DOCUMENTS
Click for link to document
Product Specification
108-2450
Customer Drawing
2154095-1
IS sheet
408-10419
nevalo.com
te.com
© 2011 Tyco Electronics Corporation. All Rights Reserved.
6-1773459-4 CIS PDF 04/2011
NEVALO, TE (logo) and TE Connectivity are trademarks of the TE Connectivity group of companies and its licensors.
Other products, logos, and company names mentioned herein may be trademarks of their respective owners.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com