Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPH0505D Datasheet(PDF) 1 Page - Toppower Electronic Technology Limited

Part # TPH0505D
Description  2W 3KVDC Isolated Single & Dual Output DC/DC Converters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPH0505D Datasheet(HTML) 1 Page - Toppower Electronic Technology Limited

  TPH0505D Datasheet HTML 1Page - Toppower Electronic Technology Limited TPH0505D Datasheet HTML 2Page - Toppower Electronic Technology Limited TPH0505D Datasheet HTML 3Page - Toppower Electronic Technology Limited TPH0505D Datasheet HTML 4Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TPH Series
www.gztoppower.com
TEL:020-82019000
EMAIL:sales@gztoppower.com
page 1 of 4
DESCRIPTION:
The TPH series are miniature, isolated 2W DC/DC converters in a SIP and DIP package. They
offer the ideal solution in many space critical applications for board level power distribution. The
internal SMD construction makes it possible to offer a product with high performance at low cost.
The series offers smaller size, improved efficiency, lower output ripple noise and 3KVDC isolation.
2W 3KVDC Isolated Single & Dual Output DC/DC Converters
FEATURES
RoHS compliant
Efficiency up to 86%
Power density up to 1.44W/cm3
Operating temperature: -40ºC to 105ºC
Dual output from a single input rail
UL 94V-0 package material
Power sharing on output
3KVDC isolation
Industry standard pinout
Input voltage:3.3V,5V,12V,15V, 24V, 48V
Output voltage: ±5V,±9V,±12V, ±15V,±24V / 3.3V,5V,9V,12V,15V, 24V
CE certification
SELECTION GUIDE
Part Number
Nominal Input Voltage
Output Voltage
Output Current (Max./Min)
Efficiency
Package Style
V
V
mA
%
TPH0505D
5
±5
±200/±20
80
DIP
TPH0509D
5
±9
±110/±11
80
DIP
TPH0512D
5
±12
±84/±8.4
81
DIP
TPH0515D
5
±15
±68/±6.8
84
DIP
TPH0505S
5
±5
±200/±20
80
SIP
TPH0509S
5
±9
±110/±11
80
SIP
TPH0512S
5
±12
±84/±8.4
82
SIP
TPH0515S
5
±15
±68/±6.8
83
SIP
TPH0524S
5
±24
±42/±4.2
84
SIP
TPH1205D
12
±5
±200/±20
80
DIP
TPH1209D
12
±9
±110/±11
83
DIP
TPH1212D
12
±12
±84/±8.4
84
DIP
TPH1215D
12
±15
±68/±6.8
86
DIP
TPH1224D
12
±24
±42/±4.2
85
SIP
TPH1205S
12
±5
±200/±20
80
SIP
TPH1209S
12
±9
±110/±11
83
SIP
TPH1212S
12
±12
±84/±8.4
84
SIP
TPH1215S
12
±15
±68/±6.8
86
SIP
TPH1224S
12
±24
±42/±4.2
85
SIP
TPH1505D
15
±5
±200/±20
80
DIP
TPH1505S
15
±5
±200/±20
80
SIP
TPH1515S
15
±15
±68/±6.8
86
SIP
TPH2405D
24
±5
±200/±20
80
DIP
TPH2409D
24
±9
±110/±11
85
DIP
TPH2412D
24
±12
±84/±8.4
86
DIP
TPH2415D
24
±15
±68/±6.8
86
DIP
TPH2424D
24
±24
±42/±4.2
85
DIP
TPH2405S
24
±5
±200/±20
82
SIP
TPH2409S
24
±9
±110/±11
85
SIP
TPH2412S
24
±12
±84/±8.4
85
SIP
TPH2415S
24
±15
±68/±6.8
85
SIP
TPH2424S
24
±24
±42/±4.2
85
SIP
TPH4805D
48
±5
±200/±20
82
DIP
TPH4809D
48
±9
±110/±11
82
DIP
TPH4812D
48
±12
±84/±8.4
85
DIP
TPH4815D
48
±15
±68/±6.8
85
DIP
TPH4805S
48
±5
±200/±20
82
SIP
TPH4809S
48
±9
±110/±11
83
SIP
TPH4812S
48
±12
±84/±8.4
85
SIP
TPH4815S
48
±15
±68/±6.8
84
SIP
TOPPOWER


Similar Part No. - TPH0505D

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TPH0505D TOPPOWER-TPH0505D Datasheet
208Kb / 4P
2W Isolated Single & Dual Output DC/DC Converters
TPH0505D TOPPOWER-TPH0505D Datasheet
732Kb / 4P
2W 3KVDC Isolated Single & Dual Output DC/DC Converters
TPH0505D-3W TOPPOWER-TPH0505D-3W Datasheet
834Kb / 4P
3W 3KVDC Isolated Single & Dual Output DC/DC Converters
TPH0505DA TOPPOWER-TPH0505DA Datasheet
732Kb / 4P
2W 3KVDC Isolated Single & Dual Output DC/DC Converters
TPH0505DA-3W TOPPOWER-TPH0505DA-3W Datasheet
834Kb / 4P
3W 3KVDC Isolated Single & Dual Output DC/DC Converters
More results

Similar Description - TPH0505D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
KDC_NMK MURATA-KDC_NMK Datasheet
153Kb / 5P
3kVDC Isolated 2W Single & Dual Output DC/DC Converters
NMK2405SC MURATA-NMK2405SC Datasheet
232Kb / 6P
3kVDC Isolated 2W Single & Dual Output DC/DC Converters
logo
Murata Power Solutions ...
NMK MURATA-PS-NMK Datasheet
265Kb / 6P
3kVDC Isolated 2W Single & Dual Output DC/DC Converters
logo
Toppower Electronic Tec...
TPG-2W TOPPOWER-TPG-2W Datasheet
220Kb / 3P
2W 3KVDC Isolated Single Output DC/DC Converters
TPG TOPPOWER-TPG Datasheet
647Kb / 3P
2W 3KVDC Isolated Single Output DC/DC Converters
TPAT-2W TOPPOWER-TPAT-2W_19 Datasheet
772Kb / 4P
2W 3KVDC Isolated Single and Dual Output DC/DC Converters
TPK TOPPOWER-TPK_19 Datasheet
738Kb / 3P
2W 3KVDC Isolated Single And Dual Output DC/DC Converters
TPG TOPPOWER-TPG_V01 Datasheet
770Kb / 3P
2W 3KVDC Isolated Single Output DC/DC Converters
TPH TOPPOWER-TPH_V01 Datasheet
732Kb / 4P
2W 3KVDC Isolated Single & Dual Output DC/DC Converters
logo
Murata Power Solutions ...
NMK MURATA-PS-NMK_V01 Datasheet
352Kb / 10P
3kVDC Isolated 2W Single & Dual Output DC-DC Converters
2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com