Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPK Datasheet(PDF) 2 Page - Toppower Electronic Technology Limited

Part # TPK
Description  2W 3KVDC Isolated Single And Dual Output DC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPK Datasheet(HTML) 2 Page - Toppower Electronic Technology Limited

  TPK Datasheet HTML 1Page - Toppower Electronic Technology Limited TPK Datasheet HTML 2Page - Toppower Electronic Technology Limited TPK Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TPK Series
www.gztoppower.com
TEL:020-82019000
EMAIL:sales@gztoppower.com
page 2 of 3
INPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Voltage range
3.3V input
2.9
3.3
3.6
V
Voltage range
5V input
4.5
5
5.5
V
Voltage range
12V input
11
12
13
V
Voltage range
15V input
13.4
15
16.4
V
Voltage range
24V input
22
24
26
V
OUTPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Rated Power
TA=-40°C to 85°C
2
W
Voltage Set Point Accuracy
See tolerance envelope
Line regulation
High Vin to low Vin
1.0
1.2
%/%
ABSOLUTE MAXIMUM RATINGS
Lead temperature 1.5mm from case for 10 seconds
300°C
Internal power dissipation
650mW
Input voltage Vin, TPK03
5.5V
Input voltage Vin, TPK05
7V
Input voltage Vin, TPK12
15V
Input voltage Vin, TPK15
18V
Input voltage Vin, TPK24
28V
ISOLATION CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation test voltage
Tested for 1 minute
3000
VDC
Resistance
Viso= 1000VDC
1
GΩ
GENERAL CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Switching frequency
65
kHz
TEMPER ATURE CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Specification
Derating if the temperature ≥85°C
-40
105
Storage
-50
150
Case Temperature above ambient
5V output
30
Case Temperature above ambient
All other output
30
Cooling
Free air convection
TEMPERATURE DERATING GRAPHS
TOLERANCE ENVELOPES
Typical Load Line
10
25
50
75
100
-4%
2%
NOM
V
+5%
Output Load Current(%)
0%
3.0
2.0
1.0
0
-40
0
50 100
150
Ambient Temperature(°C)
85°C
Safe Operating Area
105
TOPPOWER



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com