Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPF4812D Datasheet(PDF) 1 Page - Toppower Electronic Technology Limited

Part # TPF4812D
Description  1W 3KVDC Isolated Regulated Single Output DC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPF4812D Datasheet(HTML) 1 Page - Toppower Electronic Technology Limited

  TPF4812D Datasheet HTML 1Page - Toppower Electronic Technology Limited TPF4812D Datasheet HTML 2Page - Toppower Electronic Technology Limited TPF4812D Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TPF Series
www.gztoppower.com
TEL:020-82019000
EMAIL:sales@gztoppower.com
page 1 of 3
DESCRIPTION:
The TPF series are miniature, isolated 1W DC/DC converters in a SIP and DIP package. They offer the
ideal solution in many space critical applications for board level power distribution. The internal SMD
construction makes it possible to offer a product with high performance at low cost. The series offers
smaller size, improved efficiency, lower output ripple noise and 3KVDC isolation.
1W 3KVDC Isolated Regulated Single Output DC/DC Converters
SELECTION GUIDE
Part Number
Nominal Input Voltage
Output Voltage
Output Current (Max./Min)
Efficiency
Package Style
V
V
mA
%
TPF0505D
5
5
100/10
52
DIP
TPF0509D
5
9
100/10
60
DIP
TPF0512D
5
12
83/8.3
60
DIP
TPF0515D
5
15
67/6.7
60
DIP
TPF0505S
5
5
100/10
52
SIP
TPF0509S
5
9
100/10
60
SIP
TPF0512S
5
12
83/8.3
60
SIP
TPF0515S
5
15
67/6.7
60
SIP
TPF1205D
12
5
100/10
52
DIP
TPF1209D
12
9
100/10
60
DIP
TPF1212D
12
12
83/8.3
60
DIP
TPF1215D
12
15
67/6.7
60
DIP
TPF1205S
12
5
100/10
52
SIP
TPF1209S
12
9
100/10
60
SIP
TPF1212S
12
12
83/8.3
60
SIP
TPF1215S
12
15
67/6.7
60
SIP
TPF2405D
24
5
100/10
52
DIP
TPF2409D
24
9
100/10
60
DIP
TPF2412D
24
12
83/8.3
60
DIP
TPF2415D
24
15
67/6.7
60
DIP
TPF2405S
24
5
100/10
52
SIP
TPF2409S
24
9
100/10
60
SIP
TPF2412S
24
12
83/8.3
60
SIP
TPF2415S
24
15
67/6.7
60
SIP
TPF4805D
48
5
100/10
52
DIP
TPF4809D
48
9
100/10
60
DIP
TPF4812D
48
12
83/8.3
60
DIP
TPF4815D
48
15
67/6.7
60
DIP
TPF4805S
48
5
100/10
52
SIP
TPF4809S
48
9
100/10
60
SIP
TPF4812S
48
12
83/8.3
60
SIP
TPF4815S
48
15
67/6.7
60
SIP
Add suffix “P” for continuous short circuit protection, for example TPF0505SP.
FEATURES
RoHS compliant、CE certification
Output regulation <1.5%
Regulated output
Power density 0.85W/cm3
Single isolated output
SIP & DIP package styles
UL 94V-0 package material
Operating temperature: -40℃ to 105℃
Footprint from 1.17cm2
3KVDC isolation
Input voltage: 5V, 12V, 24V, 48V
Output voltage: 5V, 9V, 12V, 15V
TOPPOWER


Similar Part No. - TPF4812D

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
TPF45000-385 TDK-TPF45000-385 Datasheet
249Kb / 1P
AC-DC Power Supplies
More results

Similar Description - TPF4812D

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NMV-1 CANDD-NMV-1 Datasheet
121Kb / 2P
3kVDC Isolated 1W Single & Dual Output DC-DC Converters
logo
Murata Manufacturing Co...
KDC_MEV MURATA-KDC_MEV Datasheet
140Kb / 4P
3kVDC Isolated 1W Single Output DC/DC Converters
NMV0505DAC MURATA-NMV0505DAC Datasheet
227Kb / 6P
3kVDC Isolated 1W Single & Dual Output DC/DC Converters
logo
Toppower Electronic Tec...
TPB-1W TOPPOWER-TPB-1W Datasheet
410Kb / 2P
1W 3KVDC Isolation Regulated Single Output DC/DC Converters
TPV24V TOPPOWER-TPV24V Datasheet
677Kb / 3P
1W 3KVDC Isolated Single & Dual Output DC/DC Converters
TPB-1W TOPPOWER-TPB-1W_19 Datasheet
674Kb / 2P
1W 3KVDC Isolation Regulated Single Output DC/DC Converters
TPB-1W TOPPOWER-TPB-1W_V01 Datasheet
233Kb / 2P
1W 3KVDC Isolation Regulated Single Output DC/DC Converters
TPB-1W TOPPOWER-TPB-1W_V02 Datasheet
262Kb / 3P
1W 3KVDC Isolation Regulated Single Output DC/DC Converters
TPR-1W TOPPOWER-TPR-1W Datasheet
778Kb / 4P
1W 3KVDC Isolated Single Output DC/DC Converters
TPV-SAR TOPPOWER-TPV-SAR Datasheet
390Kb / 2P
1W 3KVDC Isolation Regulated Single Output DC/DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com