Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPLE-W1 Datasheet(PDF) 3 Page - Toppower Electronic Technology Limited

Part # TPLE-W1
Description  0.1W 1.5KVDC Isolated Single Output DC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPLE-W1 Datasheet(HTML) 3 Page - Toppower Electronic Technology Limited

  TPLE-W1 Datasheet HTML 1Page - Toppower Electronic Technology Limited TPLE-W1 Datasheet HTML 2Page - Toppower Electronic Technology Limited TPLE-W1 Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TPLE-W1 Series
www.gztoppower.com
TEL:020-82019000
EMAIL:sales@gztoppower.com
page 3 of 3
CEOPESTEMPERA
RECOMMENDED FOOTPRINT DETAILS
xxxxxxx
TUBE OUTLINE DIMENSIONS
4Pin SIP Package
8Pin DIP Package
0.65
5.10
12.00
8Pin DIP Tube
4Pin SIP Tube
9.30
5.00
Unless otherwise stated all dimensions in mm ±0.5mm.
Tube length (8 Pin DIP) :520mm ±2mm.
Tube length (4 Pin SIP) : 520mm ±2mm.
Tube Quantity : 35PCS
2.54
1.15
1.00 4 孔
4HOLES
2.54
1.15
1.00 4 孔
4HOLES
TOPPOWER



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com