Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPLE-W5 Datasheet(PDF) 1 Page - Toppower Electronic Technology Limited

Part # TPLE-W5
Description  0.5W 1.5KVDC Isolated Single Output DC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPLE-W5 Datasheet(HTML) 1 Page - Toppower Electronic Technology Limited

  TPLE-W5 Datasheet HTML 1Page - Toppower Electronic Technology Limited TPLE-W5 Datasheet HTML 2Page - Toppower Electronic Technology Limited TPLE-W5 Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TPLE-W5 Series
www.gztoppower.com
TEL:020-82019000
EMAIL:sales@gztoppower.com
page 1 of 3
DESCRIPTION:
The TPLE-W5 series are miniature, isolated low power and high efficiency DC/DC converters in a
SIP and DIP package. They offer the ideal solution in many space critical applications for board
level power distribution. The internal SMD construction makes it possible to offer a product with
high performance at low cost. The series offers smaller size, improved efficiency, lower output
ripple noise and 1.5KVDC isolation. Operating temperature -40 ºC to 105 ºC
0.5W 1.5KVDC Isolated Single Output DC/DC Converters
SELECTION GUIDE
Part Number
Nominal Input Voltage
Output Voltage
Output Current (Max./Min)
Efficiency
Package Style
V
V
mA
%
TPLE0303D-W5
3.3
3.3
152/15.2
76
DIP
TPLE0305D-W5
3.3
5
100/10
76
DIP
TPLE0503D-W5
5
3.3
152/15.2
76
DIP
TPLE0505D-W5
5
5
100/10
76
DIP
TPLE0509D-W5
5
9
55.5/5.55
77
DIP
TPLE0512D-W5
5
12
41.7/4.17
78
DIP
TPLE0515D-W5
5
15
33.3/3.33
78
DIP
TPLE0303S-W5
3.3
3.3
152/15.2
76
SIP
TPLE0305S-W5
3.3
5
100/10
76
SIP
TPLE0503S-W5
5
3.3
152/15.2
76
SIP
TPLE0505S-W5
5
5
100/10
76
SIP
TPLE0509S-W5
5
9
55.5/5.55
77
SIP
TPLE0512S-W5
5
12
41.7/4.17
78
SIP
TPLE0515S-W5
5
15
33.3/3.33
78
SIP
TPLE1205D-W5
12
5
100/10
76
DIP
TPLE1209D-W5
12
9
55.5/5.55
77
DIP
TPLE1212D-W5
12
12
41.7/4.17
78
DIP
TPLE1215D-W5
12
15
33.3/3.33
78
DIP
TPLE1205S-W5
12
5
100/10
76
SIP
TPLE1209S-W5
12
9
55.5/5.55
77
SIP
TPLE1212S-W5
12
12
41.7/4.17
78
SIP
TPLE1215S-W5
12
15
33.3/3.33
78
SIP
Add suffix “P” for continuous short circuit protection, for example TPLE0505SP-W5.
INPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Voltage range
3.3V input types
2.9
3.3
3.6
V
Voltage range
5V input types
4.5
5.0
5.5
V
Voltage range
12V input types
11
12
13.3
V
ISOLATION CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation test voltage
Tested for 1 second
1500
VDC
Resistance
Viso=1000VDC
1
GΩ
ABSOLUTE MAXIMUM RATINGS
Short-circuit protection
1 second
Lead temperature 1.5mm from case for 10 seconds
300ºC
Input voltage Vin, TPLE03XXX-W5
5.5V
Input voltage Vin, TPLE05XXX-W5
7V
Input voltage Vin, TPLE12XXX-W5
15V
FEATURES
RoHS compliant、CE certification
Single output rail
1.5KVDC isolation
High efficiency for low power applications
SIP & DIP package styles
Power density 0.36W/cm3
UL 94V-0 package material
Footprint from 0.69cm2
Input voltage: 3.3V ,5V , 12V
Output voltage: 3.3V, 5V, 9V, 12V ,15V
Custom solutions available
Operating temperature: -40ºC to 105ºC
TOPPOWER


Similar Part No. - TPLE-W5

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TPLE-W1 TOPPOWER-TPLE-W1 Datasheet
637Kb / 3P
0.1W 1.5KVDC Isolated Single Output DC/DC Converters
TPLE-W1 TOPPOWER-TPLE-W1 Datasheet
763Kb / 3P
0.1W 1.5KVDC Isolated Single Output DC/DC Converters
TPLE-W1 TOPPOWER-TPLE-W1_V01 Datasheet
763Kb / 3P
0.1W 1.5KVDC Isolated Single Output DC/DC Converters
More results

Similar Description - TPLE-W5

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
RB-XLS MICRODC-RB-XLS Datasheet
660Kb / 4P
Isolated 0.5W Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TPL TOPPOWER-TPL Datasheet
614Kb / 3P
2W 1.5KVDC Isolated Single Output DC/DC Converters
TPLE TOPPOWER-TPLE Datasheet
635Kb / 3P
0.25W 1.5KVDC Isolated Single Output DC/DC Converters
TKE-W5 TOPPOWER-TKE-W5 Datasheet
466Kb / 4P
0.5W 1.5KVDC and 3KVDC Isolated Miniature Single Output DC/DC Converters
TKE-W5 TOPPOWER-TKE-W5_18 Datasheet
1,011Kb / 4P
0.5W 1.5KVDC and 3KVDC Isolated Miniature Single Output DC/DC Converters
TKE-W5 TOPPOWER-TKE-W5_19 Datasheet
738Kb / 4P
0.5W 1.5KVDC and 3KVDC Isolated Miniature Single Output DC/DC Converters
TPL TOPPOWER-TPL_19 Datasheet
695Kb / 3P
2W 1.5KVDC Isolated Single Output DC/DC Converters
TKE-W5 TOPPOWER-TKE-W5_V01 Datasheet
729Kb / 4P
0.5W 1.5KVDC and 3KVDC Isolated Miniature Single Output DC/DC Converters
TPL-3W TOPPOWER-TPL-3W_V01 Datasheet
765Kb / 3P
3W 1.5KVDC Isolated Single Output DC/DC Converters
TPLE TOPPOWER-TPLE_V01 Datasheet
762Kb / 3P
0.25W 1.5KVDC Isolated Single Output DC/DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com