Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPT Datasheet(PDF) 1 Page - Toppower Electronic Technology Limited

Part # TPT
Description  3W 1.5KVDC Isolated Triple Output DC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPT Datasheet(HTML) 1 Page - Toppower Electronic Technology Limited

  TPT Datasheet HTML 1Page - Toppower Electronic Technology Limited TPT Datasheet HTML 2Page - Toppower Electronic Technology Limited TPT Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TPT Series
www.gztoppower.com
TEL:020-82019000
EMAIL:sales@gztoppower.com
page 1 of 3
DESCRIPTION:
The TPT series are miniature, isolated 3W DC/DC converters in a SIP package. They offer the ideal
solution in many space critical applications for board level power distribution. The internal SMD
construction makes it possible to offer a product with high performance at low cost. The series offers
smaller size, improved efficiency, lower output ripple noise and 1.5KVDC isolation and providing three
output voltages of -24V, -48V and -72V from a single isolated 4V, 5V and 12V input voltage.
3W 1.5KVDC Isolated Triple Output DC/DC Converters
INPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Voltage range
TPT0472S
3.6
4.0
5.0
V
Voltage range
TPT0572S
4.5
5.0
5.5
V
Voltage range
TPT1272S
11
12
13.3
V
Zero load input current (ICCZL)
TPT0472S, 0% output load
55
75
mA
Zero load input current (ICCZL)
TPT0572S, 0% output load
55
75
mA
Zero load input current (ICCZL)
TPT1272S, 0% output load
28
52
mA
OUTPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Typ.
Units
Total Rated Power (POUT)
Total of all outputs or any single output
0.1
3.0
W
Single Channel Voltage Set Point Accuracy
Pout = 100mW
0
10
%
Single Channel Voltage Set Point Accuracy
Pout = 3W
-7.5
2.5
%
Output Voltage - Vout1
Pout = 100mW
24
26.3
V
Output Voltage - Vout1
Pout = 3W
22.2
24.5
V
Output Voltage- Vout2
Pout = 100mW
48
53
V
Output Voltage- Vout2
Pout = 3W
44.4
50
V
Output Voltage- Vout3
Pout = 100mW
72
80
V
Output Voltage- Vout3
Pout = 3W
66.6
74
V
Line regulation
Vin = 90% to 110% of nominal
1.0
1.2
%
Load regulation
Pout = 100mW to 3W
8
15
%
FEATURES
RoHS compliant、CE certification
Triple outputs (-24V, -48V & -72V)
Input/output isolation 1.5KVDC
Power sharing on outputs
Industrial temperature range
UL 94V-0 package material
Operating temperature -40℃to 105℃
Toroidal magnetics
Power density 1.65W/cm3
SELECTION GUIDE
Part Number
Nominal Input
Voltage
Output
Rated Output
Current
Output Current
Output Current
Min. Load
Full Load
Min. Load
Full Load
V
V
V
mA
mA
mA
mA
TPT0472S
4
-VOUT1
-24
1.5
43
4.3
125
-VOUT2
-48
0.7
22
2.2
64
-VOUT3
-72
0.6
14
1.5
45
TPT0572S
5
-VOUT1
-24
1.5
43
4.3
125
-VOUT2
-48
0.7
22
2.2
64
-VOUT3
-72
0.6
14
1.5
45
TPT1272S
12
-VOUT1
-24
1.4
43
4.2
127
-VOUT2
-48
0.7
22
2.2
64
-VOUT3
-72
0.6
14
1.5
43
Add suffix “P” for continuous short circuit protection, for example TPT0472SP.
TOPPOWER


Similar Part No. - TPT

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TPT TOPPOWER-TPT Datasheet
729Kb / 3P
3W 1.5KVDC Isolated Triple Output DC/DC Converters
logo
Teledyne Technologies I...
TPT-13-6003 TELEDYNE-TPT-13-6003 Datasheet
889Kb / 2P
Temperature Compensated Amplifier 6 GHz - 13 GHz
TPT-13-6004 TELEDYNE-TPT-13-6004 Datasheet
887Kb / 2P
Temperature Compensated Amplifier 6 GHz - 13 GHz
TPT-13-6005 TELEDYNE-TPT-13-6005 Datasheet
887Kb / 2P
Temperature Compensated Amplifier 6 GHz - 13 GHz
TPT-13-6006 TELEDYNE-TPT-13-6006 Datasheet
887Kb / 2P
Temperature Compensated Amplifier 6 GHz - 13 GHz
More results

Similar Description - TPT

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NMT CANDD-NMT Datasheet
143Kb / 2P
Triple Output 3W DC-DC Converters
logo
Murata Manufacturing Co...
KDC_NMT MURATA-KDC_NMT Datasheet
153Kb / 4P
Triple Output 3W DC/DC Converters
logo
Toppower Electronic Tec...
TPL TOPPOWER-TPL Datasheet
614Kb / 3P
2W 1.5KVDC Isolated Single Output DC/DC Converters
TPL-3W TOPPOWER-TPL-3W Datasheet
613Kb / 3P
3W 1.5KVDC Isolated Single Output DC/DC Converters
TPLE TOPPOWER-TPLE Datasheet
635Kb / 3P
0.25W 1.5KVDC Isolated Single Output DC/DC Converters
TPLE-W5 TOPPOWER-TPLE-W5 Datasheet
633Kb / 3P
0.5W 1.5KVDC Isolated Single Output DC/DC Converters
TPT TOPPOWER-TPT_17 Datasheet
409Kb / 3P
3W 1.5KVDC Isolated Triple Output DC/DC Converters
TP03DA TOPPOWER-TP03DA_19 Datasheet
265Kb / 4P
3W 1.5KVDC Isolated Wide Range Input Voltage DC/DC Converters
TPL-3W TOPPOWER-TPL-3W_V01 Datasheet
765Kb / 3P
3W 1.5KVDC Isolated Single Output DC/DC Converters
TPT TOPPOWER-TPT_V01 Datasheet
729Kb / 3P
3W 1.5KVDC Isolated Triple Output DC/DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com