Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPLE1205S Datasheet(PDF) 3 Page - Toppower Electronic Technology Limited

Part # TPLE1205S
Description  0.25W 1.5KVDC Isolated Single Output DC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPLE1205S Datasheet(HTML) 3 Page - Toppower Electronic Technology Limited

  TPLE1205S Datasheet HTML 1Page - Toppower Electronic Technology Limited TPLE1205S Datasheet HTML 2Page - Toppower Electronic Technology Limited TPLE1205S Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TPLE Series
www.gztoppower.com
TEL:020-82019000
EMAIL:sales@gztoppower.com
page 3 of 3
MECHANICAL DIMENSIONS
PIN CONNECTIONS
8 PIN DIP
Pin
Function
1
-Vin
4
+Vin
5
+Vout
7
-Vout
4 PIN SIP
Pin
Function
1
-Vin
2
+Vin
3
-Vout
4
+Vout
RECOMMENDED FOOTPRINT DETAILS
TUBE OUTLINE DIMENSIONS
All dimensions in mm±0.25mm. All pins on a 0.54mm pitch and within±0.25mm of true position.
Weight: 1.30g(SIP),1.48g(DIP)
DIP Package
SIP Package
8 Pin DIP Package
4Pin SIP Package
8Pin DIP Tube
4Pin SIP Tube
Unless otherwise stated all dimensions in mm ±0.5mm.
Tube length (8 Pin DIP) :520mm ±2mm.
Tube length (4 Pin SIP) : 520mm ±2mm.
Tube Quantity : 35PCS
0.65
5.10
12.00
9.30
5.00
2.54
1.15
1.00 4 孔
4 HOLES
2.54
1.15
1.00 4 孔
4HOLES
2.54
11.48
TPLE0505D
YYWW
11.50
1.09
0.30
0.20
1
7
1.94
2.54
7.62
5.08
7.62
4
5
YYWW
TPLE0505S
9.80
6.80
6.00
10.00
0.55
0.45
4.60
3.60
0.55
0.45
4.60
3.60
1
2
3 4
1.25
1.94
0.30
0.20
7.62
0.55
0.45
bottom view
bottom view
TOPPOWER
TOPPOWER
TOPPOWER



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com