Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPTE Datasheet(PDF) 1 Page - Toppower Electronic Technology Limited

Part # TPTE
Description  1W 1.5KVDC Isolated Single Output SMD DC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPTE Datasheet(HTML) 1 Page - Toppower Electronic Technology Limited

  TPTE Datasheet HTML 1Page - Toppower Electronic Technology Limited TPTE Datasheet HTML 2Page - Toppower Electronic Technology Limited TPTE Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TPTE Series
www.gztoppower.com
TEL:020-82019000
EMAIL:sales@gztoppower.com
page 1 of 3
DESCRIPTION:
Miniature surface mounted DC/DC Converters are an ideal and economical solution for many
applications where noise reduction, voltage isolation, voltage conversion in distributed power
systems is required. The internal SMD construction with lead frame technology makes it possible to
offer a product with high performance, these converters are qualified for the higher temperatures
requested by lead-free reflow solder processes, especially for automated SMD production lines.
1W 1.5KVDC Isolated Single Output SMD DC/DC Converters
SELECTION GUIDE
Part Number
Nominal Input Voltage
Output Voltage
Output Current (Max./Min)
Efficiency
V
V
mA
%
TPTE0303
3.3
3.3
303/30.3
72
TPTE0305
3.3
5
201/20.1
77
TPTE0309
3.3
9
111/11.1
77
TPTE0312
3.3
12
83/8.3
77
TPTE0315
3.3
15
67/6.7
77
TPTE0503
5
3.3
303/30.3
74
TPTE0505
5
5
200/20
69
TPTE0509
5
9
111/11.1
75
TPTE0512
5
12
84/8.4
78
TPTE0515
5
15
66/6.6
78
TPTE1203
12
3.3
303/30.3
74
TPTE1205
12
5
200/20
67
TPTE1209
12
9
111/11.1
73
TPTE1212
12
12
83/8.3
74
TPTE1215
12
15
66/6.6
75
TPTE1505
15
5
201/20.1
77
TPTE1515
15
15
66/6.6
75
TPTE2403
24
3.3
303/30.3
74
TPTE2405
24
5
200/20
67
TPTE2409
24
9
111/11.1
73
TPTE2412
24
12
83/8.3
74
TPTE2415
24
15
66/6.6
75
Add suffix “P” for continuous short circuit protection, for example TPTE0505P. Add suffix “X” has not 5,10,12 pin, for example TPTE0505X.
3KVDC isolation with /3H at the end of the part number. for exampleTPTE0505/3H
INPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Voltage range
3.3V input variants
2.9
3.3
3.6
V
Voltage range
5V input variants
4.5
5.0
5.5
V
Voltage range
12V input variants
11
12.0
13.3
V
Voltage range
15V input variants
13.4
15
16.4
V
Voltage range
24V input variants
22
24
26.5
V
ISOLATION CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation voltage
Tested for 1 second
1500、3000
VDC
Resistance
Viso= 1000VDC
1
GΩ
ABSOLUTE MAXIMUM RATINGS
Short-circuit protection
1 second
Lead temperature 1.5mm from case for 10 seconds
300℃
Internal power dissipation
610mW
Input voltage Vin, TPTE03xx
5.5V
Input voltage Vin, TPTE05xx
7V
Input voltage Vin, TPTE12xx
15V
Input voltage Vin, TPTE15xx
18V
Input voltage Vin, TPTE24xx
28V
All specifications typical at TA=25℃, nominal input voltage and rated output current unless otherwise specified.
FEATURES
RoHS compliant、CE certification
Lead frame technology
Single isolated output
1.5KVDC isolation
Efficiency up to 78%
Power density 1.8W/cm3
UL 94V-0 package material
Custom solutions available
Footprint over pins 1.37cm2
Input voltage: 3.3V, 5V,12V,15V,24V
Output voltage:3.3V, 5V, 9V, 12V,15V
Operating temperature: -40℃to 105℃
TOPPOWER


Similar Part No. - TPTE

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TPTE-1W-3KVDC TOPPOWER-TPTE-1W-3KVDC Datasheet
185Kb / 3P
1W Isolated Single Output SMD DC/DC Converters
TPTE-W2 TOPPOWER-TPTE-W2 Datasheet
652Kb / 3P
0.25W 1.5KVDC Isolated Single Output SMD DC/DC Converters
TPTE0303 TOPPOWER-TPTE0303 Datasheet
185Kb / 3P
1W Isolated Single Output SMD DC/DC Converters
TPTE0303-W2 TOPPOWER-TPTE0303-W2 Datasheet
652Kb / 3P
0.25W 1.5KVDC Isolated Single Output SMD DC/DC Converters
TPTE0305 TOPPOWER-TPTE0305 Datasheet
185Kb / 3P
1W Isolated Single Output SMD DC/DC Converters
More results

Similar Description - TPTE

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TPE12V TOPPOWER-TPE12V Datasheet
674Kb / 3P
1W 1.5KVDC and 2KVDC Isolated Single Output DC/DC Converters
TPE24V TOPPOWER-TPE24V Datasheet
634Kb / 3P
1W 1.5KVDC and 2KVDC Isolated Single Output DC/DC Converters
TPTA TOPPOWER-TPTA Datasheet
661Kb / 4P
1W 1.5KVDC Isolated Dual Output SMD DC/DC Converters
TPTA-A TOPPOWER-TPTA-A Datasheet
660Kb / 4P
1W 1.5KVDC Isolated Single Output SMD DC/DC Converters
TPTE-W2 TOPPOWER-TPTE-W2 Datasheet
652Kb / 3P
0.25W 1.5KVDC Isolated Single Output SMD DC/DC Converters
TPE3.3V TOPPOWER-TPE3.3V Datasheet
712Kb / 3P
1W 1.5KVDC and 2KVDC Isolated Single Output DC/DC Converters
TPE TOPPOWER-TPE_19 Datasheet
709Kb / 3P
1W 1.5KVDC and 2KVDC Isolated Single Output DC/DC Converters
TPE3.3V TOPPOWER-TPE3.3V_19 Datasheet
716Kb / 3P
1W 1.5KVDC and 2KVDC Isolated Single Output DC/DC Converters
TKE TOPPOWER-TKE_V02 Datasheet
229Kb / 4P
1W 1.5KVDC and 3KVDC Isolated Miniature Single Output DC/DC Converters
TPE-E TOPPOWER-TPE-E Datasheet
257Kb / 3P
1W 1.5KVDC and 2KVDC Isolated Single Output DC/DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com