Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPV15V Datasheet(PDF) 2 Page - Toppower Electronic Technology Limited

Part # TPV15V
Description  1W 3KVDC Isolated Single & Dual Output DC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPV15V Datasheet(HTML) 2 Page - Toppower Electronic Technology Limited

  TPV15V Datasheet HTML 1Page - Toppower Electronic Technology Limited TPV15V Datasheet HTML 2Page - Toppower Electronic Technology Limited TPV15V Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TPV 3.3V,5V,9V,12V&15V Series
www.gztoppower.com
TEL:020-82019000
EMAIL:sales@gztoppower.com
page 2 of 3
SELECTION GUIDE
Part Number
Nominal Input Voltage
Output Voltage
Output Current (Max./Min)
Efficiency
Package Style
V
V
mA
%
TPV1205S
12
±5
±100/±10
72
SIP
TPV1209S
12
±9
±55/±5.5
74
SIP
TPV1212S
12
±12
±43/±4.3
76
SIP
TPV1215S
12
±15
±33/±3.3
77
SIP
TPV1505S
15
±5
±100/±10
72
SIP
TPV1512S
15
±12
±43/±4.3
74
SIP
TPV1515S
15
±15
±33/±3.3
78
SIP
Add suffix “P” for continuous short circuit protection, for example TPV0505SAP.
INPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Voltage range
3.3V input variants
2.9
3.3
3.6
V
Voltage range
5V input variants
4.4
5
5.6
V
Voltage range
9V input variants
8.03
9
10
V
Voltage range
12V input variants
11
12
13.3
V
Voltage range
15V input variants
13.4
15
16.4
V
ABSOLUTE MAXIMUM RATINGS
Short-circuit protection
1 second
Lead temperature 1.5mm from case for 10 seconds
300°C
Internal power dissipation
540mW
Input voltage Vin, TPV03 variants
5.5V
Input voltage Vin, TPV05 variants
6.6V
Input voltage Vin, TPV09 variants
11.5V
Input voltage Vin, TPV12 variants
14.5V
Input voltage Vin, TPV15 variants
18V
ISOLATION CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation test voltage
Tested for 1 minute
3000
VDC
Resistance
Viso= 1000VDC
1
G°C
All specifications typical at TA=25°C, nominal input voltage and rated output current unless otherwise specified.
OUTPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Rated Power
TA=-45℃ to 85℃
1
W
Voltage Set Point Accuracy
See tolerance envelope
Line regulation
High Vin to low Vin
1.0
1.2
%/%
GENERAL CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Switching frequency
3.3V input variants
95
kHz
Switching frequency
5V input variants
120
140
kHz
Switching frequency
9V input variants
120
140
kHz
Switching frequency
12V input variants
145
180
kHz
Switching frequency
15V input variants
90
180
kHz
TEMPERATURE CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Specification
Derating if the temperature ≥85°C
-40
105
Storage
-50
130
Case Temperature above ambient
5V output variants
30
Case Temperature above ambient
All other output variants
30
Cooling
Free air convection
TOPPOWER



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com