Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPTA2403 Datasheet(PDF) 1 Page - Toppower Electronic Technology Limited

Part # TPTA2403
Description  1W 1.5KVDC Isolated Dual Output SMD DC/DC Converters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPTA2403 Datasheet(HTML) 1 Page - Toppower Electronic Technology Limited

  TPTA2403 Datasheet HTML 1Page - Toppower Electronic Technology Limited TPTA2403 Datasheet HTML 2Page - Toppower Electronic Technology Limited TPTA2403 Datasheet HTML 3Page - Toppower Electronic Technology Limited TPTA2403 Datasheet HTML 4Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TPTA Series
www.gztoppower.com
TEL:020-82019000
EMAIL:sales@gztoppower.com
page 1 of 4
DESCRIPTION:
Miniature surface mounted DC/DC Converters are an ideal and economical solution for many
applications where noise reduction, voltage isolation, voltage conversion in distributed power systems
is required. The internal SMD construction with lead frame technology makes it possible to offer a
product with high performance, these converters are qualified for the higher temperatures requested
by lead-free reflow solder processes, especially for automated SMD production lines.
1W 1.5KVDC Isolated Dual Output SMD DC/DC Converters
SELECTION GUIDE
Part Number
Nominal Input Voltage
Output Voltage
Output Current (Max./Min)
Efficiency
V
V
mA
%
TPTA0303
3.3
±3.3
±152/±15.2
72
TPTA0305
3.3
±5
±100/±10
77
TPTA0309
3.3
±9
±55/±5.5
75
TPTA0312
3.3
±12
±42/±4.2
77
TPTA0315
3.3
±15
±33/±3.3
77
TPTA0503
5
±3.3
±152/±15.2
77
TPTA0505
5
±5
±100/±10
69
TPTA0509
5
±9
±55/±5.5
76
TPTA0512
5
±12
±42/±4.2
77
TPTA0515
5
±15
±33/±3.3
78
TPTA1203
12
±3.3
±152/±15.2
77
TPTA1205
12
±5
±100/±10
69
TPTA1209
12
±9
±55/±5.5
76
TPTA1212
12
±12
±42/±4.2
75
TPTA1215
12
±15
±33/±3.3
77
TPTA1515
15
±15
±33/±3.3
78
TPTA2403
24
±3.3
±152/±15.2
77
TPTA2405
24
±5
±100/±10
69
TPTA2409
24
±9
±55/±5.5
76
TPTA2412
24
±12
±42/±4.2
75
TPTA2415
24
±15
±33/±3.3
77
Add suffix “P” for continuous short circuit protection, for example TPTA0505P. Add suffix “X” has not 5,10,14,16 pin, for example TPTA0505X.
INPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Voltage range
3V input variants
2.9
3.3
3.6
V
Voltage range
5V input variants
4.5
5
5.5
V
Voltage range
12V input variants
11
12
13.3
V
Voltage range
15V input variants
13.4
15
16.4
V
Voltage range
24V input variants
22
24
26.5
V
Reflected ripple current
40
50
mA p-p
ISOLATION CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation voltage
Tested for 1 second
1500
VDC
Resistance
Viso= 1000VDC
1
GΩ
GENERAL CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Switching frequency
0312, 0315
110
kHz
Switching frequency
0303, 0305, 0503
115
kHz
Switching frequency
All other variants
120
kHz
FEATURES
RoHS compliant
Efficiency up to 78%
Operating temperature: -40℃to 105℃
CE certification
Footprint over pins 1.64cm2
Lead frame technology
Input voltage: 3.3V, 5V, 12V,15V,24V
Output voltage: ±3.3V, ±5V, ±9V, ±12V,±15V
Power density 1.36W/cm3
1.5KVDC isolation
Custom solutions available
UL 94V-0 package material
TOPPOWER


Similar Part No. - TPTA2403

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TPTA-A TOPPOWER-TPTA-A Datasheet
660Kb / 4P
1W 1.5KVDC Isolated Single Output SMD DC/DC Converters
More results

Similar Description - TPTA2403

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TPE12V TOPPOWER-TPE12V Datasheet
674Kb / 3P
1W 1.5KVDC and 2KVDC Isolated Single Output DC/DC Converters
TPE24V TOPPOWER-TPE24V Datasheet
634Kb / 3P
1W 1.5KVDC and 2KVDC Isolated Single Output DC/DC Converters
TPTA-A TOPPOWER-TPTA-A Datasheet
660Kb / 4P
1W 1.5KVDC Isolated Single Output SMD DC/DC Converters
TPTE TOPPOWER-TPTE Datasheet
656Kb / 3P
1W 1.5KVDC Isolated Single Output SMD DC/DC Converters
TPAT TOPPOWER-TPAT Datasheet
436Kb / 4P
1W 3KVDC Isolated Dual Output SMD DC/DC Converters
TP2L-1W TOPPOWER-TP2L-1W_17 Datasheet
478Kb / 3P
1W 1.5KVDC Isolated Wide Input Single And Dual Output DC/DC Converters
TPE3.3V TOPPOWER-TPE3.3V Datasheet
712Kb / 3P
1W 1.5KVDC and 2KVDC Isolated Single Output DC/DC Converters
TPE TOPPOWER-TPE_19 Datasheet
709Kb / 3P
1W 1.5KVDC and 2KVDC Isolated Single Output DC/DC Converters
TPE3.3V TOPPOWER-TPE3.3V_19 Datasheet
716Kb / 3P
1W 1.5KVDC and 2KVDC Isolated Single Output DC/DC Converters
TPE-E TOPPOWER-TPE-E Datasheet
257Kb / 3P
1W 1.5KVDC and 2KVDC Isolated Single Output DC/DC Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com