Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM9822CCWMX2 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9822CCWMX2
Description  LM9822 3 Channel 42-Bit Color Scanner Analog Front End
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9822CCWMX2 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM9822CCWMX2 Datasheet HTML 1Page - National Semiconductor (TI) LM9822CCWMX2 Datasheet HTML 2Page - National Semiconductor (TI) LM9822CCWMX2 Datasheet HTML 3Page - National Semiconductor (TI) LM9822CCWMX2 Datasheet HTML 4Page - National Semiconductor (TI) LM9822CCWMX2 Datasheet HTML 5Page - National Semiconductor (TI) LM9822CCWMX2 Datasheet HTML 6Page - National Semiconductor (TI) LM9822CCWMX2 Datasheet HTML 7Page - National Semiconductor (TI) LM9822CCWMX2 Datasheet HTML 8Page - National Semiconductor (TI) LM9822CCWMX2 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
5
www.national.com
AC Electrical Characteristics
The following specifications apply for AGND=DGND=0V, VA=+5.0VDC, VD=+3.0 or +5.0VDC, fMCLK=12MHz, except where noted
otherwise. Boldface limits apply for A=TJ=TMIN to TMAX; all other limits TA=TJ=25°C. (Notes 7& 8)
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is functional,
but do not guarantee specific performance limits. For guaranteed specifications and test conditions, see the Electrical Characte ristics. The guaranteed specifications apply
only for the test conditions listed. Some performance characteristics may degrade when the device is not operated under the list ed test conditions.
Note 2: All voltages are measured with respect to GND=AGND=DGND=0V, unless otherwise specified.
Note 3: When the input voltage (VIN) at any pin exceeds the power supplies (VIN<GND or VIN>VA or VD), the current at that pin should be limited to 25mA. The 50m
maximum package input current rating limits the number of pins that can simultaneously safely exceed the power supplies with an
input current of 25mA to two.
Note 4: The maximum power dissipation must be derated at elevated temperatures and is dictated by TJmax, ΘJA and the ambient temperature, TA. The maximum allow-
able power dissipation at any temperature is P D = (TJmax - TA) / ΘJA. TJmax = 150°C for this device. The typical thermal resistance ( ΘJA) of this part when board mounted
is 69°C/W for the M28B SOIC package
.
Note 5: Human body model, 100pF capacitor discharged through a 1.5k
Ω resistor. Machine model, 200 pF capacitor discharged through a 0Ω resistor.
Note 6: See AN450 “Surface Mounting Methods and Their Effect on Product Reliability” or the section titled “Surface Mount” found in any National Semiconductor Linear
Data Book for other methods of soldering surface mount devices.
Note 7: Two diodes clamp the OS analog inputs to
AGND and VA as shown below. This input protection, in combination with the external clamp capacitor and the output
impedance of the sensor, prevents damage to the LM9822 from transients during power-up.
Note 8: To guarantee accuracy, it is required that VA and VD be connected to clean, low noise power supplies, with separate bypass capacitors at each supply pin. When
both VA and VD are operated at 5.0V, they must be powered by the same regulator, with separate power planes or traces and separate bypass capacitors at each supply pin.
Symbol
Parameter
Conditions
Typical
(Note 9)
Limits
(Note 10)
Units
(Limits)
fMCLK
Maximum MCLK frequency
12
MHz (min)
tMCLK
MCLK period
83
ns (min)
MCLK duty cycle
40
60
%(min)
%(max)
tSCLK
Serial Clock Period
1
tMCLK(min)
tSEN
Serial Enable high time
3
tMCLK(min)
tSSU
SDI setup time
1
ns (min)
tSH
SDI hold time
3
ns (min)
tSDDO
SCLK
edge to new valid data
VD = 5.0V
VD = 3.3V
8.5
19
20
ns (max)
tVSU
VSMP setup time
1
ns (min)
tVH
VSMP hold time
3
ns (min)
tCSU
CLMP setup time
1
ns (min)
tCH
CLMP hold time
3
ns (min)
tDDO
MCLK
edge to new valid data
VD = 5.0V
VD = 3.3V
16
25
25
ns (max)
ns (max)
OS Input
AGND
VA
TO INTERNAL
CIRCUITRY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com