Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM9831 Datasheet(PDF) 39 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9831
Description  LM9831 42-Bit Color, 1200dpi USB Image Scanner
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9831 Datasheet(HTML) 39 Page - National Semiconductor (TI)

Back Button LM9831 Datasheet HTML 33Page - National Semiconductor (TI) LM9831 Datasheet HTML 34Page - National Semiconductor (TI) LM9831 Datasheet HTML 35Page - National Semiconductor (TI) LM9831 Datasheet HTML 36Page - National Semiconductor (TI) LM9831 Datasheet HTML 37Page - National Semiconductor (TI) LM9831 Datasheet HTML 38Page - National Semiconductor (TI) LM9831 Datasheet HTML 39Page - National Semiconductor (TI) LM9831 Datasheet HTML 40Page - National Semiconductor (TI) LM9831 Datasheet HTML 41Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 39 / 41 page
background image
39
www.national.com
1
-1
Coarse Color
Balance PGAs
DACR
Offset
+
+
OSR
RED OS
from sensor
CDS
OSG
CDS
OSB
CDS
x0.93
to x3
DACG
Offset
²
+
+
DACB
Offset
²
+
+
x1or x3
Static
Offset
DACs
1
-1
1
-1
ø1
ø2
RS
CP1
TR1
TR2
Bandgap
Reference
VBANDGAP
CP2
x1or x3
x1or x3
Gain
Boost
Analog Front End Block Diagram
x0.93
to x3
x0.93
to x3
1.5V (CDS)
3.5V (CCD)
VREF LO
VREF MID
VREF HI
3V (USB I/O)
Regulator
VREGULATOR
Sensor
Clock
Generation
GREEN OS
from sensor
BLUE OS
from sensor
14 Bit
ADC
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com