Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD5X Datasheet(PDF) 2 Page - Laird Tech Smart Technology

Part # GD5X
Description  Grid Dish Parabolic Antenna
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

GD5X Datasheet(HTML) 2 Page - Laird Tech Smart Technology

  GD5X Datasheet HTML 1Page - Laird Tech Smart Technology GD5X Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ANT-DS-GD5x 0115
Any information furnished by Laird Inc. and its agents is believed to be accurate and reliable. All specifications are subject to change without notice. Responsibility for the use
and application of Laird materials rests with the end user, since Laird and its agents cannot be aware of all potential uses. Laird makes no warranties as to the fitness,
merchantability or suitability of any Laird materials or products for any specific or general uses. Laird shall not be liable for incidental or consequential damages of any kind.
All Laird products are sold pursuant to the Laird Terms and Conditions of sale in effect from time to time, a copy of which will be furnished upon request. © Copyright 2015
Laird Inc. All Rights Reserved. Laird, Laird Technologies, the Laird Logo, and other marks are trade marks or registered trade marks of Laird Inc. or an affiliate company
thereof. Other product or service names may be the property of third parties. Nothing herein provides a license under any Laird or any third party intellectual property rights.
MODEL
100 MPH
125 MPH
100 MPH WITH ½ IN RADIAL ICE
GD58-22
10 lbs
15.6 lbs
48 lbs
GD58-26
20 lbs
31 lbs
99 lbs
GD58-29
41 lbs
64 lbs
257 lbs
WIND LOADING (LBS.)
SPECIFICATIONS
PARAMETER
GD5x-21
GD58-22
GD5x-25
GD58-26
GD5x-28
GD58-29
Frequency range
GD57-21
5470-5725 MHz
GD53-21
5150-5350 MHz
5725-5850 MHz
GD57-25
5470-5725 MHz
GD53-25
5150-5350 MHz
5725-5850 MHz
GD57-28
5470-5725 MHz
GD53-28
5150-5350 MHz
5725-5850 MHz
Gain
21 dBi
22 dBi
25 dBi
26 dBi
28 dBi
29 dBi
Horizontal beamwidth
Vertical beamwidth
Front to back
VSWR
Impedance
Input power
Operating temperature
Pole size
Weight
Dimension (W x L)
Bracket tilt
10°
11°
25 dB
1.5:1
50 ohm
100 watts
-40° to +70°C
1 to 2 in (25 to 50 mm)
3 lbs (1.4 kg)
11.8 x 15.7 in (300 x 400
mm)+/- 45°
30 dB
1.5:1
50 ohm
100 watts
-40° to +70°C
1 to 2 in (25 to 50 mm)
6 lbs (2.7 kg)
16.8 x 24 in (427 x 610
mm)+/- 45°
25 dB
1.5:1
50 ohm
100 watts
-40° to +70°C
1 to 2 in (25 to 50 mm)
11 lbs (5 kg)
28.5 x 36 in (724 x 914
mm)+/- 45°
Grid Dish Parabolic Antenna
GD5x
SYSTEM ORDERING
GD58-22
5.7-5.8 GHz 22 dBi directional antenna
GD58-26
5.7-5.8 GHz 26 dBi directional antenna *
GD58-29
5.7-5.8 GHz 29 dBi directional antenna *
GD57-21
5.4-5.7 GHz 21 dBi directional antenna
GD57-25
5.4-5.7 GHz 25 dBi directional antenna *
GD57-28
5.4-5.7 GHz 28 dBi directional
antenna * GD53-21
5.1-5.3 GHz 21 dBi
directional antenna GD53-25
5.1-5.3 GHz 25
dBi directional antenna * GD53-28
5.1-5.3
GHz 28 dBi directional antenna *
NOTES
• All shipments F.O.B. Schaumburg, IL 60173
* Super HD bracket system now available for large and
medium grid. Add “HD” as prefix to part number
Example: HDGD58-29
Americas: +1.847 839.6907
IAS-AmericasEastSales@lairdtech.com
Europe: +44.1628.858941
IAS-EUSales@lairdtech.com
Asia: +86.21.5855.0827.127
IAS-AsiaSales@lairdtech.com
www.lairdtech.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com