Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSLS03 Datasheet(PDF) 5 Page - Wall Industries,Inc.

Part # PSLS03
Description  PSLS03 SERIES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSLS03 Datasheet(HTML) 5 Page - Wall Industries,Inc.

  PSLS03 Datasheet HTML 1Page - Wall Industries,Inc. PSLS03 Datasheet HTML 2Page - Wall Industries,Inc. PSLS03 Datasheet HTML 3Page - Wall Industries,Inc. PSLS03 Datasheet HTML 4Page - Wall Industries,Inc. PSLS03 Datasheet HTML 5Page - Wall Industries,Inc. PSLS03 Datasheet HTML 6Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Rev B
PSLS03 SERIES
3 Watts
AC/DC Converter
Single Output
11/10/2016
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 5 of 6
DESIGN REFERENCE
1. Typical Application Circuit
Note: 1 is Pi filter circuit
Model
FUSE
(Required)
C1
(Required)
L2
C2
(Required)
L1
(Required)
C3
(Required)
C4
CY0
TVS
PSLS03-15B03SR2S(-F)
1A/250V
10µF/400V
4.7mH
330µF
2.2µGH
120µF/25V
0.1µF/50V
1nF/400VAC
SMBJ7.0A
PSLS03-15B05SR2S(-F)
68µF/35V
PSLS03-15B09SR2S(-F)
SMBJ12A
PSLS03-15B12SR2S(-F)
150µF/35V
SMBJ20A
PSLS03-15B15SR2S(-F)
PSLS03-15B24SR2S(-F)
100µF/35V
SMBJ30A
Note:
C1: AC Input, C1 is input filer capacitor (required)
DC Input is a filtering capacitor in EMC filter, the value of C1 is 10µF/400V (when input voltage is above 370VDC, and the value of
C1 is 10µF/450V). C2 and C3 are output flier capacitors (required), C2, C3 and L1 form a pi-type filter circuit, they are recommended to
be high frequency and low impedance electrolytic capacitors. Capacitance and rated ripple current of capacitors refer to the data sheets
provided by factory. Voltage derating of capacitors should 80% or above. C4 is a ceramic capacitor, which is used to filter high frequency
noise. Current of L1 and L2 refer to the data sheets provided by factory. Current rating should be 80% or above. TVS is a recommended
component to protect post-circuit (if converter fails). External input NTC model is recommended to use 13D-5. External input MOV model
is recommended to us S14K320.
2. EMC Solution-Recommended Circuit
Suggestions for safety regulation and wiring width: wire width ≥3mm, distance between wires ≥6mm, and distance between wire and ground ≥6mm, A≥6.4mm
Components
Recommended Parameter
MOV2
S14K320
CY1
1nF/400VAC
CY2
1nF/400VAC
CX
0.1µF/275VAC
LCM
3.5mH
LDM
0.33mH
NTC
13D-5
FUSE (Required)
1A/250V, Slow Fusing



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com