Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSLS05-15B05SS Datasheet(PDF) 4 Page - Wall Industries,Inc.

Part # PSLS05-15B05SS
Description  PSLS05 SERIES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSLS05-15B05SS Datasheet(HTML) 4 Page - Wall Industries,Inc.

  PSLS05-15B05SS Datasheet HTML 1Page - Wall Industries,Inc. PSLS05-15B05SS Datasheet HTML 2Page - Wall Industries,Inc. PSLS05-15B05SS Datasheet HTML 3Page - Wall Industries,Inc. PSLS05-15B05SS Datasheet HTML 4Page - Wall Industries,Inc. PSLS05-15B05SS Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Rev A
PSLS05 SERIES
Up to 5 Watts
AC/DC Converter
Single Output
8/10/2016
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 4 of 5
MECHANICAL DRAWINGS
Pin Out
Pin
Function
1
AC(N)
3
AC(L)
5
+V(cap)
7
-V(cap)
12
-Vo
14
+Vo
1. It is necessary to add C1 between pin 5 and pin 7.
2. It is necessary to add circuit to the output, such as the typical
application of Fig. 1.
3. It is needed to have distance
≥6.4mm for safety between external
components in primary circuit and secondary circuit.
DESIGN REFERENCE
Typical Application Circuit
Model
C1
(Required)
C2
(Required)
R1
C3
CX1
CY0
NTC
MOV
FUSE
(Required)
TVS
PSLS05-15B03SS
10µF/400V
220µF/35V
12Ω/
2W
100nF/
50V
0.1µF/
275VAC
1nV/
400VAC
13D-5
14D561K
1A/250V
SMBJ7.0A
PSLS05-15B05SS
PSLS05-15B09SS
SMBJ12A
PSLS05-15B12SS
150µF
SMBJ20A
PSLS05-15B15SS
PSLS05-15B24SS
SMBJ30
Note:
1. C1: When AC input, C1 is used as filter capacitor, the value of C1 is recommended to be 10µF/400V.
When DC input, C1 is used as EMC filter capacitor, the value of C1 is recommended to be 10µF/400C (when the input is above 370VDC, the
recommended value of C1 is 10µF/450V)
2. Output filtering capacitor C2 is electrolytic capacitor, C2 is recommended to apply electrolytic capacitor with high frequency and low resistance. For
capacitance and current of capacitor please refer to datasheet. Capacitance withstands voltage derating 80% or above. C3 is ceramic capacitor, which is
used to filter high-frequency noise.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com