Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R-78B-2.0 Datasheet(PDF) 2 Page - Recom International Power

Part # R-78B-2.0
Description  Efficiency Up To 96%, No Heatsinks Required
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R-78B-2.0 Datasheet(HTML) 2 Page - Recom International Power

  R-78B-2.0 Datasheet HTML 1Page - Recom International Power R-78B-2.0 Datasheet HTML 2Page - Recom International Power R-78B-2.0 Datasheet HTML 3Page - Recom International Power R-78B-2.0 Datasheet HTML 4Page - Recom International Power R-78B-2.0 Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PROTECTIONS
Parameter
Condition
Value
Short Circuit Protection (SCP)
below 100m
W
continuous, autmatic recovery
Short Circuit Input Current
nom. Vin= 24VDC
<5Vout
≥5Vout
50mA typ.
75mA typ.
I-2
REV.: 0/2017
www.recom-power.com
DC/DC Converter
Specifications (measured @ ta= 25°C, nom. Vin, full load and after warm up unless otherwise specified)
R-78B-2.0
Series
Efficiency vs. Load
R-78B3.3-2.0
R-78B3.3-2.0
R-78B5.0-2.0
R-78B5.0-2.0
Efficiency vs. Input Voltage
Output Current [A]
0
0
20
40
60
80
100
0.5
1.0
1.5
2.0
4.75Vin
6Vin
12Vin
15Vin
24Vin
32Vin
Input Voltage [VDC]
4.75
0
20
40
60
80
100
12.8
20.8
28.8 32.0
Output Current [A]
0
0
20
40
60
80
100
0.5
1.0
1.5
2.0
6.5Vin
12Vin
15Vin
24Vin
32Vin
Input Voltage [VDC]
6.5
0
20
40
60
80
100
13.0
19.5
26.0
32.0
REGULATIONS
Parameter
Condition
Value
Output Accuracy
±2.0% typ.
Line Regulation
low line to high line, full load
±0.5% typ.
Load Regulation
0% to 100% load
±1.0% typ.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com